Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TOP222PN Fiches technique(PDF) 9 Page - Power Integrations, Inc.

No de pièce TOP222PN
Description  Three-terminal Off-line PWM Switch
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  POWERINT [Power Integrations, Inc.]
Site Internet  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP222PN Fiches technique(HTML) 9 Page - Power Integrations, Inc.

Back Button TOP222PN Datasheet HTML 5Page - Power Integrations, Inc. TOP222PN Datasheet HTML 6Page - Power Integrations, Inc. TOP222PN Datasheet HTML 7Page - Power Integrations, Inc. TOP222PN Datasheet HTML 8Page - Power Integrations, Inc. TOP222PN Datasheet HTML 9Page - Power Integrations, Inc. TOP222PN Datasheet HTML 10Page - Power Integrations, Inc. TOP222PN Datasheet HTML 11Page - Power Integrations, Inc. TOP222PN Datasheet HTML 12Page - Power Integrations, Inc. TOP222PN Datasheet HTML 13Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
TOP221-227
D
7/01
9
Figure 9. Recommended TOPSwitch Layout.
PI-2021-041798
PC Board
Kelvin-connected
auto-restart/bypass capacitor C5
and/or compensation network
Bias/Feedback Input
Bias/Feedback Return
High-voltage Return
Bend DRAIN pin
forward if needed
for creepage.
Do not bend SOURCE pin.
Keep it short.
High Voltage
Return
Bias/Feedback
Return
D
S
C
Bias/Feedback
Input
CONTROL
SOURCE
SOURCE
DRAIN
TOP VIEW
High Voltage
Return
Bias/Feedback
Return
Bias/Feedback
Input
DIP-8/SMD-8 PACKAGE
TO-220 PACKAGE
TOP VIEW
C5
Kelvin-connected
auto-restart/bypass capacitor C5
and/or compensation network
Kelvin-connected
auto-restart/bypass
capacitor C5
and/or compensation
network
C5
C5
Design Tools
The following tools available from Power Integrations greatly
simplify TOPSwitch based power supply design.
• Data Book and Design Guide includes extensive application
information
• Excel Spreadsheets for Transformer Design - Use of this
tool is strongly recommended for all TOPSwitch designs.
• Reference design boards – Production viable designs that
are assembled and tested.
All data sheets, application literature and up-to-date versions of
the Transformer Design Spreadsheets can be downloaded from
our Web site at www.powerint.com.
A diskette of the
Transformer Design Spreadsheets may also be obtained by
sending in the completed form provided at the end of this data
sheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21