| Moteur de recherche de fiches techniques de composants électroniques |
|
ATS-54270R-C1-R0 Fiches technique(PDF) 1 Page - Advanced Thermal Solutions, Inc. |
|
|
|||||||||||||||||||||||||||||
ATS-54270R-C1-R0 Fiches technique(HTML) 1 Page - Advanced Thermal Solutions, Inc. |
|
|
1 / 1 page ![]() Rev - 121101 High Performance BGA Cooling Solutions w/ Thermal Tape Attachment *Image above is for illustration purpose only. ATS Part#: ATS-54270R-C1-R0 Description: High Performance Extrusion, T412, BLACK-ANODIZED Heat Sink Type: Straight Fin Heat Sink Attachment: THERMAL TAPE Equivalent Part Number: ATS-54270R-C2-R0 Features & Benefits High aspect ratio, straight fin heat sinks that are ideal for compact PCB environments Designed specifically for BGAs and other surface mount packages Comes pre-assembled with high performance thermal interface material Thermal Performance AIR VELOCITY @200 LFM 1.0 M/S @300 LFM 1.5 M/S @400 LFM 2.0 M/S @500 LFM 2.5 M/S @600 LFM 3.0 M/S @700 LFM 3.5 M/S @800 LFM 4.0 M/S THERMAL RESISTANCE Unducted Flow 5.30 °C/W 4.16 °C/W 3.58 °C/W 3.21 °C/W 2.95 °C/W 2.74 °C/W 2.58 °C/W Ducted Flow 3.26 n/a n/a n/a n/a n/a n/a Product Detail Schematic Image Dimension A Dimension B Dimension C Dimension D TIM Finish *Image above is for illustration purpose only. 27.0 mm 27.0 mm 19.5 mm mm T412 BLACK-ANODIZED Notes: Dimension A and B refer to component size. Dimension C is the heat sink height from the bottom of the base to the top of the fin field. ATS-54270R-C2-R0 is the exact heat sink assembly with an equivalent thermal interface material (Saint Gobain C675). Thermal performance data are provided for reference only. Actual performance may vary by application. ATS reserves the right to update or change its products without notice to improve the design or performance. ATS certifies that this heat sink assembly is RoHS-6 and REACH compliant. Contact ATS to learn about custom options available. For more information, to find a distributor or to place an order, please contact us at 781-769-2800 (North America), sales@qats.com or www.qats.com. © 2012 Advanced Thermal Solutions, Inc. | 89-27 Access Road | Norwood MA | 02062 | USA |
Numéro de pièce similaire - ATS-54270R-C1-R0 |
|
Description similaire - ATS-54270R-C1-R0 |