Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2MC04-059-08 Fiches technique(PDF) 5 Page - RMT Ltd.

No de pièce 2MC04-059-08
Description  Blank ceramics (not metallized) Metallized (Au plating) Blank, tinned Copper
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RMT [RMT Ltd.]
Site Internet  http://www.rmtltd.ru
Logo RMT - RMT Ltd.

2MC04-059-08 Fiches technique(HTML) 5 Page - RMT Ltd.

  2MC04-059-08 Datasheet HTML 1Page - RMT Ltd. 2MC04-059-08 Datasheet HTML 2Page - RMT Ltd. 2MC04-059-08 Datasheet HTML 3Page - RMT Ltd. 2MC04-059-08 Datasheet HTML 4Page - RMT Ltd. 2MC04-059-08 Datasheet HTML 5Page - RMT Ltd. 2MC04-059-08 Datasheet HTML 6Page - RMT Ltd. 2MC04-059-08 Datasheet HTML 7Page - RMT Ltd. 2MC04-059-08 Datasheet HTML 8Page - RMT Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
46 Warshavskoe shosse. Moscow 115230  Russia, ph: +7-499-678-2082, fax: +7-499-678-2083, web: www.rmtltd.ru
Copyright 2012. RMT Ltd. The design and specifications of products can be changed by RMT Ltd without notice.
Page 5 of 8
TEC Polarity
Terminal Wires Options
TEC Polarity can be modified by request. The
specified polarity in this datasheet is typical.
It can be reversed in accordance to Customer
application requirements.
The wires are of tinned Copper, blank (not isolated)
by default. Various options for isolated wires are
available by request. The available solutions
include isolated wires, isolated color-coded wires,
flexible multicore wires and more.
Customized Au patterns on thermoelectric cooler
cold side are available by request. Selective Pre-
tinning over pattern is also available. Please,
contact RMT Ltd for additional information about
customized Au patterns requirements.
+
-
+
-
Additional Options
Thermoelectric Cooling Solutions
Standard 2-stage TEC height can be modified
without performance changes by using ceramics
of different thickness. Standard 2-stage
thermoelectric cooler height (specified in this
datasheet) may be modified in a range
-0.75..+1.5mm by request.
TEC Cold Side can be modified by request. The
dimensions and shape of 2-stage thermoelectric
cooler can be revised to Customer application.
RMT Ltd has full-featured flexibility in TEC design
and modification.
Customized Au Patterns
Cold Side modification
TEC Height modification
Standard polarity
Reversed polarity
Standard wires,
tinned Copper
Isolated wires
Customized Au pattern
on cold side
Selective pre-tinning
over pattern
Standard shape
Round-shaped
cold side
Standard height
Modified height,
another ceramics
thickness



Html Pages

1 2 3 4 5 6 7 8