Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BD9701T Fiches technique(PDF) 7 Page - Rohm

No de pièce BD9701T
Description  Simple Step-down Switching Regulators with Built-in Power MOSFET
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BD9701T Fiches technique(HTML) 7 Page - Rohm

Back Button BD9701T Datasheet HTML 3Page - Rohm BD9701T Datasheet HTML 4Page - Rohm BD9701T Datasheet HTML 5Page - Rohm BD9701T Datasheet HTML 6Page - Rohm BD9701T Datasheet HTML 7Page - Rohm BD9701T Datasheet HTML 8Page - Rohm BD9701T Datasheet HTML 9Page - Rohm BD9701T Datasheet HTML 10Page - Rohm BD9701T Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
BD9701FP/CP-V5/T/T-V5,BD9703FP/CP-V5/T/T-V5,BD9702CP-V5/T/T-V5
Technical Note
7/16
www.rohm.com
2009.04- Rev.B
© 2009 ROHM Co., Ltd. All rights reserved.
●
Block Diagram
BD9701FP/CP-V5/T/T-V5, BD9703FP/CP-V5/T-V5, BD9702CP-V5/T/T-V5
●
Pin Description
(*2)FIN is assigned in the case of TO252-5.
Pin No.
Pin Name
Function
1
VCC
Input Power Supply Pin
2
OUT
Internal Pch FET Drain Pin
3,FIN(*2)
GND
Ground
4
INV
Output Voltage Feedback Pin
5
STBY
ON/OFF Control Pin
VREF
OSC
1
2
DRIVER
PWM COMP
CTL
LOGIC
TSD
Error AMP
4
INV
OUT
GND
STBY 5
VCC
OCP
STBY
3
TO252-5 Package Dimensions (mm)
TO220FP-5 Package Dimensions (mm)
TO220FP-5(V5) Package Dimensions (mm)
TO220CP-V5 Package Dimensions (mm)
Fig.28 Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17