Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VRNUT Fiches technique(PDF) 3 Page - Cornell Dubilier Electronics

No de pièce VRNUT
Description  Type VR Vertical Mounting Clamp, Type TH Horizontal Mounting Clip
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CDE [Cornell Dubilier Electronics]
Site Internet  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

VRNUT Fiches technique(HTML) 3 Page - Cornell Dubilier Electronics

  VRNUT Datasheet HTML 1Page - Cornell Dubilier Electronics VRNUT Datasheet HTML 2Page - Cornell Dubilier Electronics VRNUT Datasheet HTML 3Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Capacitor Hardware
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Screw-Terminal, Computer-Grade Capacitor, Mounting Hardware
Clamp Dimensions
Bracket Dimensions
Note: All mounting brackets and clamps except Figure 4 are zinc plated. Figure 4 is a black nylon. When mounting capacitors
there is no need to wrap capacitors with protective wrapping before installing mounting clamp.
*Stock bracket
Nylon Nuts for Insulated Stud Mounting
Metal Plate/
Heat Sink
(Reference only)
Nylon
Hex Nut
Dimensions in Inches
Dimensions in Millimeters
Figure
Bracket
A
B
C
D
E
F
A
B
C
D
E
F
Number
1
125565-06*
1.375
1.813
30 º
2.313
.750
.563
34.93
46.04
30º
58.74
19.05 14.30
1
125565-15*
1.750
2.188
30 º
2.625
.750
.560
44.45
55.56
30º
66.68
19.05 14.22
2
125565-09*
2.000
1.250
75 º
1.438 1.125
.750
50.80
31.75
75º
36.51
28.58 19.05
3
125565-05
2.000
2.563
30 º
2.938 1.125
.750
50.80
65.09
30º
76.41
28.58 19.05
2
125565-14*
2.500
1.500
75 º
1.688 1.125
.750
63.50
38.10
75º
42.86
28.58 19.05
3
125565-10
2.500
3.000
30 º
3.438 1.125
.750
63.50
76.20
30º
87.31
28.58 19.05
2
125565-11*
3.000
1.750
75 º
1.938 1.125
.750
76.20
44.45
75º
49.21
28.58 19.05
3
125565-01
3.000
3.500
30 º
3.938 1.125
.750
76.20
88.90
30º 100.01 28.58 19.05
4
125309-01
3.500
4.488
60 º
2.224
.984
–
90.00
114.00
60º
4.70
25.00
–
For Stud Standoff
Nut
Nut
Hex
Mounting
Nylon Nut
Diameter Diameter Diameter Elevation
Head
Min. Hole Max. Chassis Max. Tightening
Part Number
(mm)
S (mm)
W (mm)
T (mm)
J (mm) Diameter
Thickness
Torque
(mm)
(mm)
in. lbs.
M8S17W25
M8
17
25
15
17
17.5
5
25
M12S22W30
M12
22
30
18
19
22.5
5
75
M12S30W38
M12
30
38
18
19
30.5
5
75
Clamp
Dimensions in Inches
Number
A
B
C
D
125562-01
1.375
2.125
2.500
1.281
125562-05
1.750
2.500
2.875
1.656
125562-02
2.000
2.750
3.125
1.906
125562-04
2.500
3.250
3.625
2.406
125562-03
3.000
3.750
4.125
2.906
125562-06
3.500
4.250
4.625
3.481
Figure 1
Figure 2
Figure 3
Figure 4



Html Pages

1 2 3