| Moteur de recherche de fiches techniques de composants électroniques |
|
EC90X Fiches technique(PDF) 1 Page - EPCOS |
|
|
|||||||||||||||||||||||||||||
EC90X Fiches technique(HTML) 1 Page - EPCOS |
|
1 / 4 page ![]() Surge arrester 2-electrode arrester Series/Type: EC90X Ordering code: B88069X0720S102 Version/Date: Issue 05 / 2006-08-31 Version: 01 Content of header bars 1 and 2 of data sheet will be automatically entered in headers and footers! Please fill in the table and then change the color to "white" (or invisible). This ensures that the table disappears for the customer PDF. To update the data sheet, click on the symbol "Preview" and then "Close". Please do not alter the header or footer when copying the content. Identification/Classification 1: (header 1 + top left header bar) Surge arrester Identification/Classification 2: (header 2 + bottom left header bar) 2-electrode arrester Ordering code: (top right header bar) B88069X0720S102 Series/Type: (top right header bar) EC90X Preliminary data (optional): (if necessary) Department: KB AB E / KB AB PM Date: Issue 05 / 2006-08-31 © EPCOS AG 2006. Reproduction, publication and dissemination of this document, enclosures hereto and the information contained therein without EPCOS' prior express consent is prohibited. |
Numéro de pièce similaire - EC90X |
|
Description similaire - EC90X |