| Moteur de recherche de fiches techniques de composants électroniques |
|
93R1A-R22-A12L Fiches technique(PDF) 4 Page - Bourns Electronic Solutions |
|
|
|||||||||||||||||||||||||||||
93R1A-R22-A12L Fiches technique(HTML) 4 Page - Bourns Electronic Solutions |
|
4 / 5 page ![]() Specifications are subject to change without notice. The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time. Users should verify actual device performance in their specific applications. Model 91, 92, 93, 94 & 95 - 5/8 ” Square Single-Turn Panel Control Product Dimensions Plastic Shaft Styles 1.60+.38/-.00 (.063+.015/-.000) 11.18 ± .38 (.440 ± .015) 1.60+.38/-.00 (.063+.015/-.000) 1.80 ± 0.25 (.071 ± .010) 1.50 ± 0.25 (.059 ± .010) “F” ± .38 (“F” ± .015) 6.32+.000/-.152 (.249+.000/.006) DIA. 6.30+.000/-.152 (.248+.000/.006) DIA. 5.49 (.216) 6.32+.010/-.025 (.2490+.0004/.0010) DIA. 1.194 (.047) 5.486 ± .051 (.216 ± .002) 1.19 (.047) 6.31+.025/-.051 (.2485+.001/.002) DIA. 14.27 ± .25 (.562 ± .010) 1.80 ± .25 (0.07 ± .001) 1.00 (.04) 1.50 ± .25 (0.06 ± .001) 3.16+.00/-.15 (.1245+.000/-.006) DIA. 48 TOOTH 5.994 +0.000/-0.051 (.236 +.000/-.002) DIA. DIA. 3.988 +0.000/-0.051 (.157 +.000/-.002) SHAFT TYPE "B" (USES BUSHING A) SHAFT TYPE "D" (USES BUSHING C) SHAFT TYPE "T" (USES BUSHING U) SHAFT TYPE "C" (USES BUSHING A) SHAFT TYPE "R" (USES BUSHING R) SHAFT TYPE "W" (USES BUSHING A) SHAFT TYPE "A" (USES BUSHING A) SHAFT TYPE "H" (USES BUSHING A) SHAFT TYPE "V" (USES BUSHING U) SHAFT TYPE "G" (USES BUSHING A) SHAFT TYPE "J" (USES BUSHING R) TOLERANCES EXCEPT AS SHOWN: .XX = ± .79 (0.03) STD. LENGTHS: 25.40 (1.00) .02 (.050) .XXX = ± .005 (.127) .XXXX = ± .0005 (.0127) 6.32+.010/-.025 (.2490+.0004/.0010) DIA 6.32+.010/-.025 (.2490+.0004/.0010) DIA 1.00 ± 0.13 (.039 ± .054) 6.00+.000/-.035 (.2362+.0000/.0010) DIA 12.70 (.500) 15.88 (.625) 19.05 (.750) 22.23 (.875) 25.4 (1.000) 16.0 (.630) 22.0 (.866) Metal Shaft Styles 0.79 ± 0.13 (.031 ± .054) 3.99+.000/-.035 (.1571+.0000/.0010) DIA STD. LENGTHS: STD. LENGTHS: STD. LENGTHS: 12.70 (.500) 15.88 (.625) 19.05 (.750) 22.23 (.875) STD. LENGTHS: 19.05 (.750) 22.23 (.875) 12.70 (.500) 15.88 (.625) 19.05 (.750) STD. LENGTHS: 12.70 (.500) 15.88 (.625) 19.05 (.750) 22.23 (.875) STD. LENGTHS: 16.0 (.630) 22.0 (.866) STD. LENGTHS: 16.0 (.630) 22.0 (.866) STD. LENGTHS: STD. LENGTHS: 19.05 (.750) 22.23 (.875) “F” ± .381 (“F” ± .015) 3.988 ± .076 (.157 ± .003) SHAFT TYPE "S" (USES BUSHING R) 6.000+.000/-.035 (.2362+.0000/.0014) DIA 0.79 ± 0.25 (.031 ± .010) SHAFT TYPE "E" (USES BUSHING C) 0.79 (.031) 3.16 (.1245) DIA 12.0 (.500) 16.0 (.625) 19.0 (.750) STD. LENGTHS: STD. LENGTHS: 16.0 (.630) 22.0 (.866) STD. LENGTHS: 16.0 (.630) 22.0 (.866) 7.95 (.313) 11.13 (.438) FLAT LENGTH “F”: 6.99 (.275) 12.98 (.511) FLAT LENGTH “F”: DIMENSIONS: MM (INCHES) |