| Moteur de recherche de fiches techniques de composants électroniques |
|
TIP30 Fiches technique(PDF) 2 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
TIP30 Fiches technique(HTML) 2 Page - ON Semiconductor |
|
2 / 5 page ![]() TIP29, A, B, C (NPN), TIP30, A, B, C (PNP) http://onsemi.com 2 Figure 1. Darlington Circuit Schematic BASE EMITTER COLLECTOR ≈ 8.0 k ≈ 120 BASE EMITTER COLLECTOR ≈ 8.0 k ≈ 120 ORDERING INFORMATION Device Package Shipping TIP29 TO−220 50 Units / Rail TIP29G TO−220 (Pb−Free) 50 Units / Rail TIP29A TO−220 50 Units / Rail TIP29AG TO−220 (Pb−Free) 50 Units / Rail TIP29B TO−220 50 Units / Rail TIP29BG TO−220 (Pb−Free) 50 Units / Rail TIP29C TO−220 50 Units / Rail TIP29CG TO−220 (Pb−Free) 50 Units / Rail TIP30 TO−220 50 Units / Rail TIP30G TO−220 (Pb−Free) 50 Units / Rail TIP30A TO−220 50 Units / Rail TIP30AG TO−220 (Pb−Free) 50 Units / Rail TIP30B TO−220 50 Units / Rail TIP30BG TO−220 (Pb−Free) 50 Units / Rail TIP30C TO−220 50 Units / Rail TIP30CG TO−220 (Pb−Free) 50 Units / Rail |