| Moteur de recherche de fiches techniques de composants électroniques |
|
TO-252-2 Fiches technique(PDF) 1 Page - Analog Microelectronics |
|
|
|||||||||||||||||||||||||||||
TO-252-2 Fiches technique(HTML) 1 Page - Analog Microelectronics |
|
|
1 / 1 page ![]() TO-252-2 MIN MAX MIN MAX A 0.43 0.58 0.0169 0.0230 B 1.60 1.95 0.0630 0.0768 C 0.51 1.78 0.0200 0.0701 D 0.43 0.60 0.0169 0.0236 E 6.35 6.80 0.2500 0.2677 F 5.36 6.22 0.2110 0.2450 G 2.20 3.00 0.0866 0.1181 H - * 2.30 - *0.0906 J 0.50 0.97 0.0197 0.0380 K 5.20 5.50 0.2047 0.2165 L 1.35 1.65 0.0531 0.0650 D1 E1 3.81 5.10 0.1500 0.2008 3.80 REF 0.1496 REF SYMBOLS MILLIMETERS INCHES E K L F G H J B A D C E1 TOP VIEW SIDE VIEW PIN1 *:Typical Value Notes: 1. Controlling dimension: Millimeters. 2. Maximum lead thickness includes lead finish thickness Minimum lead thickness is the minimum thickness of base material. |
Numéro de pièce similaire - TO-252-2 |
|
Description similaire - TO-252-2 |