Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F405RG Fiches technique(PDF) 66 Page - STMicroelectronics

No de pièce STM32F405RG
Description  ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM, USB OTG HS/FS
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F405RG Fiches technique(HTML) 66 Page - STMicroelectronics

Back Button STM32F405RG Datasheet HTML 62Page - STMicroelectronics STM32F405RG Datasheet HTML 63Page - STMicroelectronics STM32F405RG Datasheet HTML 64Page - STMicroelectronics STM32F405RG Datasheet HTML 65Page - STMicroelectronics STM32F405RG Datasheet HTML 66Page - STMicroelectronics STM32F405RG Datasheet HTML 67Page - STMicroelectronics STM32F405RG Datasheet HTML 68Page - STMicroelectronics STM32F405RG Datasheet HTML 69Page - STMicroelectronics STM32F405RG Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 185 page
background image
Port G
PG0
FSMC_A10
EVENTOUT
PG1
FSMC_A11
EVENTOUT
PG2
FSMC_A12
EVENTOUT
PG3
FSMC_A13
EVENTOUT
PG4
FSMC_A14
EVENTOUT
PG5
FSMC_A15
EVENTOUT
PG6
FSMC_INT2
EVENTOUT
PG7
USART6_CK
FSMC_INT3
EVENTOUT
PG8
USART6_
RTS
ETH _PPS_OUT
EVENTOUT
PG9
USART6_RX
FSMC_NE2/
FSMC_NCE3
EVENTOUT
PG10
FSMC_
NCE4_1/
FSMC_NE3
EVENTOUT
PG11
ETH _MII_TX_EN
ETH _RMII_
TX_EN
FSMC_NCE4_
2
EVENTOUT
PG12
USART6_
RTS
FSMC_NE4
EVENTOUT
PG13
UART6_CTS
ETH _MII_TXD0
ETH _RMII_TXD0
FSMC_A24
EVENTOUT
PG14
USART6_TX
ETH _MII_TXD1
ETH _RMII_TXD1
FSMC_A25
EVENTOUT
PG15
USART6_
CTS
DCMI_D13
EVENTOUT
Table 9. Alternate function mapping (continued)
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF11
AF12
AF13
AF14
AF15
SYS
TIM1/2
TIM3/4/5
TIM8/9/10/1
1
I2C1/2/3
SPI1/SPI2/
I2S2/I2S2ext
SPI3/I2Sext/
I2S3
USART1/2/3/
I2S3ext
UART4/5/
USART6
CAN1/
CAN2/
TIM12/13/14
OTG_FS/
OTG_HS
ETH
FSMC/SDIO/
OTG_FS
DCMI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More