Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

S964 Fiches technique(PDF) 21 Page - EPCOS

No de pièce S964
Description  NTC thermistors for temperature sensing and compensation
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EPCOS [EPCOS]
Site Internet  http://www.epcos.com
Logo EPCOS - EPCOS

S964 Fiches technique(HTML) 21 Page - EPCOS

Back Button S964 Datasheet HTML 17Page - EPCOS S964 Datasheet HTML 18Page - EPCOS S964 Datasheet HTML 19Page - EPCOS S964 Datasheet HTML 20Page - EPCOS S964 Datasheet HTML 21Page - EPCOS S964 Datasheet HTML 22Page - EPCOS S964 Datasheet HTML 23Page - EPCOS S964 Datasheet HTML 24Page - EPCOS S964 Datasheet HTML 25Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
8
Placement and orientation of SMD NTC thermistors on PCB
a) Component placement
It is recommended that the PC board
should be held by means of some
adequate supporting pins such as
shown left to prevent the SMDs from
being damaged or cracked.
b) Cracks
When placing a component near an
area which is apt to bend or a grid
groove on the PC board, it is advisable
to have both electrodes subjected to
uniform stress, or to position the
component's electrodes at right angles
to the grid groove or bending line (see
c) Component orientation).
c) Component orientation
Choose a mounting position that
minimizes the stress imposed on the
chip during flexing or bending of the
board.
Temperature measurement and compensation
B57964S
Leaded NTC thermistors, lead spacing 2.5 mm
S964
Page 21 of 26
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26