| Moteur de recherche de fiches techniques de composants électroniques |
|
K2200GRP Fiches technique(PDF) 7 Page - Littelfuse |
|
|
|||||||||||||||||||||||||||||
K2200GRP Fiches technique(HTML) 7 Page - Littelfuse |
|
7 / 12 page ![]() 7 Revised: December 9, 2011 01:32 PM ©2011 Littelfuse, Inc Teccor® brand Thyristors Specifications are subject to change without notice. Please refer to http://www.littelfuse.com for current information. Standard Bidirectional SIDACs Kxxxzy Series Dimensions — DO-214 Dimension Inches Millimeters Max Max Min Max A 0.130 0.156 3.30 3.95 B 0.201 0.220 5.10 5.60 C 0.077 0.087 1.95 2.20 D 0.159 0.181 4.05 4.60 E 0.030 0.063 0.75 1.60 F 0.075 0.096 1.90 2.45 G 0.002 0.008 0.05 0.20 H 0.077 0.104 1.95 2.65 K 0.006 0.016 0.15 0.41 0.079 (2.0) 0.110 (2.8) 0.079 (2.0) H K E F G A C B D Case Temperature Measurement Point Soldering Pad Outline inch (millimeter) Recommended Dimension Inches Millimeters Max Max Min Max Ø B 0.028 0.034 0.711 0.864 Ø D 0.120 0.140 3.048 3.556 G 0.235 0.270 5.969 6.858 L 1.000 25.400 Dimensions — DO-15 L L G Ø D Ø B Temperature Measuring Point |