Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VC080505C150 Fiches technique(PDF) 1 Page - AVX Corporation

No de pièce VC080505C150
Description  AVX Multilayer Ceramic Transient Voltage Suppressors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AVX [AVX Corporation]
Site Internet  http://www.avx.com
Logo AVX - AVX Corporation

VC080505C150 Fiches technique(HTML) 1 Page - AVX Corporation

  VC080505C150 Datasheet HTML 1Page - AVX Corporation VC080505C150 Datasheet HTML 2Page - AVX Corporation VC080505C150 Datasheet HTML 3Page - AVX Corporation VC080505C150 Datasheet HTML 4Page - AVX Corporation VC080505C150 Datasheet HTML 5Page - AVX Corporation VC080505C150 Datasheet HTML 6Page - AVX Corporation VC080505C150 Datasheet HTML 7Page - AVX Corporation VC080505C150 Datasheet HTML 8Page - AVX Corporation VC080505C150 Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
TransGuard
®
AVX Multilayer Ceramic Transient Voltage Suppressors
GENERAL DESCRIPTION
The AVX TransGuard
® Transient Voltage Suppressors (TVS)
with unique high-energy multilayer construction represents
state-of-the-art overvoltage circuit protection. Monolithic
multilayer construction provides protection from voltage
transients caused by ESD, lightning, NEMP, inductive switch-
ing, etc. True surface mount product is provided in EIA
industry standard packages. Thru-hole components are
supplied as conformally coated axial devices.
TRANSGUARD® DESCRIPTION
TransGuard
® products are zinc oxide (ZnO) based ceramic
semiconductor devices with non-linear voltage-current charac-
teristics (bi-directional) similar to back-to-back zener diodes.
They have the added advantage of greater current and energy
handling capabilities as well as EMI/RFI attenuation. Devices
are fabricated by a ceramic sintering process that yields a
structure of conductive ZnO grains surrounded by electrically
insulating barriers, creating varistor-like behavior.
The number of grain-boundary interfaces between conduct-
ing electrodes determines “Breakdown Voltage” of the
device. High voltage applications such as AC line protection
require many grains between electrodes while low voltage
requires few grains to establish the appropriate breakdown
voltage. Single layer ceramic disc processing proved to be a
viable production method for thick cross section devices
with many grains, but attempts to address low voltage
suppression needs by processing single layer ceramic disc
formulations with huge grain sites has had limited success.
AVX, the world leader in the manufacture of multilayer
ceramic capacitors, now offers the low voltage transient
protection marketplace a true multilayer, monolithic surface
mount varistor. Technology leadership in processing
thin dielectric materials and patented processes for
precise ceramic grain growth have yielded superior energy
dissipation in the smallest size. Now a varistor has voltage
characteristics determined by design and not just cell sorting
whatever falls out of the process.
Multilayer ceramic varistors are manufactured by mixing
ceramic powder in an organic binder (slurry) and casting it
into thin layers of precision thickness. Metal electrodes are
deposited onto the green ceramic layers which are then
stacked to form a laminated structure. The metal electrodes
are arranged so that their terminations alternate from one
end of the varistor to the other. The device becomes a
monolithic block during the sintering (firing) cycle providing
uniform energy dissipation in a small volume.


Numéro de pièce similaire - VC080505C150

FabricantNo de pièceFiches techniqueDescription
logo
AVX Corporation
VC080505C150 AVX-VC080505C150 Datasheet
502Kb / 10P
AVX Multilayer Ceramic Transient Voltage Suppressors
VC080505C150 AVX-VC080505C150 Datasheet
502Kb / 10P
AVX Multilayer Ceramic Transient Voltage Suppressors
VC080505C150 AVX-VC080505C150 Datasheet
502Kb / 10P
AVX Multilayer Ceramic Transient Voltage Suppressors
VC080505C150 AVX-VC080505C150 Datasheet
105Kb / 8P
AVX Multilayer Ceramic Transient Voltage Suppressors
VC080505C150 AVX-VC080505C150 Datasheet
418Kb / 10P
AVX Multilayer Ceramic Transient Voltage Suppressors
More results

Description similaire - VC080505C150

FabricantNo de pièceFiches techniqueDescription
logo
AVX Corporation
VC120614D300DP AVX-VC120614D300DP Datasheet
502Kb / 10P
AVX Multilayer Ceramic Transient Voltage Suppressors
VC120631M650RP AVX-VC120631M650RP Datasheet
502Kb / 10P
AVX Multilayer Ceramic Transient Voltage Suppressors
VC080505C150RP AVX-VC080505C150RP Datasheet
502Kb / 10P
AVX Multilayer Ceramic Transient Voltage Suppressors
VA100005A150DL AVX-VA100005A150DL Datasheet
502Kb / 10P
AVX Multilayer Ceramic Transient Voltage Suppressors
VC120605D150RP AVX-VC120605D150RP Datasheet
418Kb / 10P
AVX Multilayer Ceramic Transient Voltage Suppressors
VCH4AG100R8MATWA AVX-VCH4AG100R8MATWA Datasheet
235Kb / 2P
AVX Multilayer Ceramic Transient Voltage Suppressors
VC120605D150DP AVX-VC120605D150DP Datasheet
518Kb / 10P
AVX Multilayer Ceramic Transient Voltage Suppressors
VC120630D650DP AVX-VC120630D650DP Datasheet
502Kb / 10P
AVX Multilayer Ceramic Transient Voltage Suppressors
VC080530A650DP AVX-VC080530A650DP Datasheet
206Kb / 10P
AVX Multilayer Ceramic Transient Voltage Suppressors
VC120630D650RP AVX-VC120630D650RP Datasheet
501Kb / 10P
AVX Multilayer Ceramic Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10