Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PSD301-B-70L Fiches technique(PDF) 3 Page - STMicroelectronics

No de pièce PSD301-B-70L
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD301-B-70L Fiches technique(HTML) 3 Page - STMicroelectronics

  PSD301-B-70L Datasheet HTML 1Page - STMicroelectronics PSD301-B-70L Datasheet HTML 2Page - STMicroelectronics PSD301-B-70L Datasheet HTML 3Page - STMicroelectronics PSD301-B-70L Datasheet HTML 4Page - STMicroelectronics PSD301-B-70L Datasheet HTML 5Page - STMicroelectronics PSD301-B-70L Datasheet HTML 6Page - STMicroelectronics PSD301-B-70L Datasheet HTML 7Page - STMicroelectronics PSD301-B-70L Datasheet HTML 8Page - STMicroelectronics PSD301-B-70L Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 85 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
ii
PSD3XX Family
PSD3XX
ZPSD3XX
ZPSD3XXV
PSD3XXR
ZPSD3XXR
ZPSD3XXRV
Low Cost Microcontroller Peripherals
Table of Contents (cont.)
18
Specifications......................................................................................................................................................37
18.1
Absolute Maximum Ratings .....................................................................................................................37
18.2
Operating Range .....................................................................................................................................37
18.3
Recommended Operating Conditions......................................................................................................37
18.4
Pin Capacitance.......................................................................................................................................37
18.5
AC/DC Characteristics – PSD3XX/ZPSD3XX (All 5 V devices) ..............................................................38
18.6
AC/DC Characteristics – PSD3XXV (3 V devices only)...........................................................................39
18.7
Timing Parameters – PSD3XX/ZPSD3XX (All 5 V devices)....................................................................40
18.8
Timing Parameters – ZPSD3XXV (3 V devices only) ..............................................................................42
18.9
Timing Diagrams for PSD3XX Parts.......................................................................................................44
18.10 AC Testing ...............................................................................................................................................65
19
Pin Assignments .................................................................................................................................................66
20
Package Information ...........................................................................................................................................67
21
Package Drawings ..............................................................................................................................................68
22
PSD3XX Product Ordering Information ..............................................................................................................72
22.1
PSD3XX Selector Guide..........................................................................................................................72
22.2
Part Number Construction .......................................................................................................................73
22.3
Ordering Information................................................................................................................................73
23
Data Sheet Revision History ...............................................................................................................................80
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85