Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LSM330DLCTR Fiches technique(PDF) 58 Page - STMicroelectronics

No de pièce LSM330DLCTR
Description  iNEMO inertial module: 3D accelerometer and 3D gyroscope
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM330DLCTR Fiches technique(HTML) 58 Page - STMicroelectronics

Back Button LSM330DLCTR Datasheet HTML 54Page - STMicroelectronics LSM330DLCTR Datasheet HTML 55Page - STMicroelectronics LSM330DLCTR Datasheet HTML 56Page - STMicroelectronics LSM330DLCTR Datasheet HTML 57Page - STMicroelectronics LSM330DLCTR Datasheet HTML 58Page - STMicroelectronics LSM330DLCTR Datasheet HTML 59Page - STMicroelectronics LSM330DLCTR Datasheet HTML 60Page - STMicroelectronics LSM330DLCTR Datasheet HTML 61Page - STMicroelectronics LSM330DLCTR Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 66 page
background image
Register descriptions
LSM330DLC
58/66
Doc ID 022162 Rev 2
8.37
OUT_Z_L_G, OUT_Z_H_G
Z-axis angular rate data. The value is expressed as two’s complement.
8.38
FIFO_CTRL_REG_G (2Eh)
8.39
FIFO_SRC_REG_G (2Fh)
Table 88.
FIFO_CTRL_REG_G register
FM2
FM1
FM0
WTM4
WTM3
WTM2
WTM1
WTM0
Table 89.
FIFO_CTRL_REG_G description
FM2-FM0
FIFO mode selection. Default value: 00 (see Table 90)
WTM4-WTM0
FIFO threshold. Watermark level setting
Table 90.
FIFO mode configuration
FM2
FM1
FM0
FIFO mode
000Bypass mode
001FIFO mode
010Stream mode
011Stream-to-FIFO mode
100Bypass-to-stream mode
Table 91.
FIFO_SRC_REG_G register
WTM
OVRN
EMPTY
FSS4
FSS3
FSS2
FSS1
FSS0
Table 92.
FIFO_SRC_REG_G description
WTM
Watermark status. (0: FIFO filling is lower than WTM level; 1: FIFO filling is equal
or higher than WTM level)
OVRN
Overrun bit status.
(0: FIFO is not completely filled; 1:FIFO is completely filled)
EMPTY
FIFO empty bit.
(0: FIFO not empty; 1: FIFO empty)
FSS4-FSS1
FIFO stored data level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66