Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LSM330DLC Fiches technique(PDF) 29 Page - STMicroelectronics

No de pièce LSM330DLC
Description  iNEMO inertial module: 3D accelerometer and 3D gyroscope
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM330DLC Fiches technique(HTML) 29 Page - STMicroelectronics

Back Button LSM330DLC Datasheet HTML 25Page - STMicroelectronics LSM330DLC Datasheet HTML 26Page - STMicroelectronics LSM330DLC Datasheet HTML 27Page - STMicroelectronics LSM330DLC Datasheet HTML 28Page - STMicroelectronics LSM330DLC Datasheet HTML 29Page - STMicroelectronics LSM330DLC Datasheet HTML 30Page - STMicroelectronics LSM330DLC Datasheet HTML 31Page - STMicroelectronics LSM330DLC Datasheet HTML 32Page - STMicroelectronics LSM330DLC Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 66 page
background image
LSM330DLC
Functionality
Doc ID 022162 Rev 2
29/66
Figure 12.
Edge-sensitive trigger
4.6
Factory calibration
The IC interface is factory calibrated for sensitivity and zero level. The trimming values are
stored in the device in non volatile memory. Any time the device is turned on, the trimming
parameters are downloaded to the registers to be used during normal operation. This allows
use of the device without further calibration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66