| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC992 Fiches technique(PDF) 3 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
MPC992 Fiches technique(HTML) 3 Page - Motorola, Inc |
|
3 / 8 page ![]() MPC992 TIMING SOLUTIONS BR1333 — REV 5 3 MOTOROLA Figure 1. Output Waveforms Qa 2:1 Mode Qb SYNC Qa 3:1 Mode Qb SYNC Qa 3:2 Mode Qb SYNC 5:2 Mode Qa Qb SYNC ABSOLUTE MAXIMUM RATINGS* Symbol Parameter Min Max Unit VCC Supply Voltage –0.3 4.6 V VI Input Voltage –0.3 VDD + 0.3 V IOUT Output Current Continuous Surge 50 100 mA TStor Storage Temperature Range –40 125 °C * Absolute maximum continuous ratings are those values beyond which damage to the device may occur. Exposure to these conditions or conditions beyond those indicated may adversely affect device reliability. Functional operation under absolute-maximum-rated conditions is not implied. |