| Moteur de recherche de fiches techniques de composants électroniques |
|
LR8809 Fiches technique(PDF) 2 Page - Leshan Radio Company |
|
|
|||||||||||||||||||||||||||||
LR8809 Fiches technique(HTML) 2 Page - Leshan Radio Company |
|
2 / 7 page ![]() V0.3 2(7) Pin Configurations Table 1 LR8809 Series (SOT-23-3) PIN NO. M MA Functions 1 VDD VDD Voltage input pin VOUT - Voltage detection output pin 2 - VSS GND pin VSS - GND pin 3 - VOUT Voltage detection output pin Table 2 LR8809 Series (SOT-89-3) PIN NO P Functions 1 VOUT Voltage detection output pin 2 VDD Voltage input pin 3 VSS GND pin Table 4 LR8809 Series (SOT343) PIN NO T TA Functions VOUT - Voltage detection output pin 1 - VDD Voltage input pin VDD - Voltage input pin 2 - VSS GND pin VSS - GND pin 3 - VOUT Voltage detection output pin PIN NO N NA Functions VOUT - Voltage detection output pin 1 - VDD Voltage input pin VDD - Voltage input pin 2 VSS GND pin 3 NC - No Connection VSS - GND pin 4 - VOUT Voltage detection output pin Table 3 LR8809 Series (TO-92) LRC LESHAN RADIO COMPANY,LTD. |