| Moteur de recherche de fiches techniques de composants électroniques |
|
LR8301 Fiches technique(PDF) 2 Page - Leshan Radio Company |
|
|
|||||||||||||||||||||||||||||
LR8301 Fiches technique(HTML) 2 Page - Leshan Radio Company |
|
2 / 9 page ![]() Pin Assignment Table 1 LR8301A Series (SOT-23-3 PKG) Pin No. Pin Name Functions 1 VOUT Output voltage pin 2 VSS GND pin 3 LX External inductor connection pin Table 2 LR8301B Series (SOT-23-3 PKG) Pin No. Pin Name Functions 1 VOUT Output voltage pin 2 VSS GND pin 3 EXT External transistor connection pin Table 3 LR8301C Series(SOT-23-5 PKG) Pin No. Pin Name Functions 1 EN Shutdown pin “H”: Normal operation “L”: Step-up stopped 2 VOUT Output voltage pin 3 NC (N.C.) 4 VSS GND pin 5 LX External inductor connection pin Table 4 LR8301D Series (SOT-23-5 PKG) Pin No. Pin Name Functions 1 EN Shutdown pin “H”: Normal operation “L”: Step-up stopped 2 VOUT Output voltage pin 3 NC (N.C.) 4 VSS GND pin 5 EXT External transistor connection pin Block Diagrams LESHAN RADIO COMPANY, LTD. LR8301 Series 2/9 |