| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC970 Fiches technique(PDF) 15 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
MPC970 Fiches technique(HTML) 15 Page - Motorola, Inc |
|
15 / 16 page ![]() MPC970 TIMING SOLUTIONS BR1333 — Rev 6 15 MOTOROLA OUTLINE DIMENSIONS FA SUFFIX TQFP PACKAGE CASE 848D–03 ISSUE C F NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DATUM PLANE –H– IS LOCATED AT BOTTOM OF LEAD AND IS COINCIDENT WITH THE LEAD WHERE THE LEAD EXITS THE PLASTIC BODY AT THE BOTTOM OF THE PARTING LINE. 4. DATUMS –L–, –M– AND –N– TO BE DETERMINED AT DATUM PLANE –H–. 5. DIMENSIONS S AND V TO BE DETERMINED AT SEATING PLANE –T–. 6. DIMENSIONS A AND B DO NOT INCLUDE MOLD PROTRUSION. ALLOWABLE PROTRUSION IS 0.25 (0.010) PER SIDE. DIMENSIONS A AND B DO INCLUDE MOLD MISMATCH AND ARE DETERMINED AT DATUM PLANE -H-. 7. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. DAMBAR PROTRUSION SHALL NOT CAUSE THE LEAD WIDTH TO EXCEED 0.46 (0.018). MINIMUM SPACE BETWEEN PROTRUSION AND ADJACENT LEAD OR PROTRUSION 0.07 (0.003). VIEW AA VIEW AA 2 X R R1 AB AB VIEW Y SECTION AB–AB ROTATED 90 _ CLOCKWISE DIM A MIN MAX MIN MAX INCHES 10.00 BSC 0.394 BSC MILLIMETERS A1 5.00 BSC 0.197 BSC B 10.00 BSC 0.394 BSC B1 5.00 BSC 0.197 BSC C ––– 1.70 ––– 0.067 C1 0.05 0.20 0.002 0.008 C2 1.30 1.50 0.051 0.059 D 0.20 0.40 0.008 0.016 E 0.45 0.030 F 0.22 0.35 0.009 0.014 G 0.65 BSC 0.75 0.018 0.026 BSC J 0.07 0.20 0.003 0.008 K 0.50 REF 0.020 REF R1 0.08 0.20 0.003 0.008 S 12.00 BSC 0.472 BSC S1 6.00 BSC 0.236 BSC U 0.09 0.16 0.004 0.006 V 12.00 BSC 0.472 BSC V1 6.00 BSC 0.236 BSC W 0.20 REF 0.008 REF Z 1.00 REF 0.039 REF CL –X– X=L, M, N 1 13 14 26 27 39 40 52 4X TIPS 4X N 0.20 (0.008) H L–M N 0.20 (0.008) T L–M 3X VIEW Y SEATING PLANE C 0.10 (0.004) T 4X θ3 4X θ2 S 0.05 (0.002) 0.25 (0.010) GAGE PLANE C2 C1 W K E Z S L–M M 0.13 (0.005) N S T PLATING BASE METAL D J U B V B1 A S V1 A1 S1 –L– –N– –M– –H– –T– θ1 θ G θ1 θ θ3 θ2 07 __ 12 513 _ _ _ 07 __ 0 _ 0 _ ––– ––– REF 12 _ REF 13 _ 5 _ |