| Moteur de recherche de fiches techniques de composants électroniques |
|
MS-101006 Fiches technique(PDF) 29 Page - Amphenol Corporation |
|
|
|||||||||||||||||||||||||||||
MS-101006 Fiches technique(HTML) 29 Page - Amphenol Corporation |
|
29 / 40 page ![]() 27 Back Accessories Strain relief backshell with grommet and sleeve Class E and F Right Angle Backshell With Or Without Grommet Class A, F & R L A All dimensions are in mm Connector Size 37.60 37.80 47.30 39.40 48.90 42.60 52.10 53.70 58.80 58.80 63.60 63.60 69.60 72.80 72.80 76.00 45.00 25.00 25.00 25.00 27.00 27.00 28.00 28.00 31.00 34.00 34.00 37.00 39.00 45.00 48.00 22.22 25.40 25.40 28.57 28.57 31.75 31.75 34.13 37.30 40.48 43.66 50.00 56.50 62.71 --- --- 47.00 --- 48.00 57.00 58.00 61.00 61.00 66.00 66.00 72.00 75.00 78.00 5/8-24 UNEF 5/8-24 UNEF 5/8-24 UNEF 3/4-20 UNEF 3/4-20 UNEF 7/8-20 UNEF 7/8-20 UNEF 1-20 UNEF 1 3/16-18 UNEF 1 3/16-18 UNEF 1 7/16-18 UNEF 1 7/16-18 UNEF 1 3/4-18 UNS 2-18 UNS 2 1/4 -16 UN 10SL 12S 14S 14 12 16S 16 18 20 22 24 28 32 36 L max for MS L max for 97B L1 max Q max V Thread in inches All dimensions are in mm Connector Size 54.07 55.90 55.90 64.41 65.94 67.41 67.41 73.28 73.28 74.75 74.75 74.75 86.0 54.07 59.10 --- 61.34 62.86 71.10 72.55 72.55 76.82 77.82 77.64 125.0 21.97 21.97 25.15 28.45 28.45 30.76 37.29 37.29 44.45 52.22 44.45 57.15 67.10 10SL 12S 14S 16S 16 18 20 22 24 28 32 36 L max for MS L max for 97B N max 5/8-24 NEF 11/16-24 NEF 7/8-20 UNEF 3/4-20 UNEF 7/8-20 UNEF 1-20 UNEF 1 1/8-18 NS 1 1/4-18 NEF 1 3/8-18 NEF 1 5/8-18 NEF 2 5/16-16 UN A Thread class 2B in inches 5/8-24 NEF 11/16-24 NEF 11/16-24 NEF 7/8-20 UNEF 3/4-20 UNEF 3/4-20 UNEF 7/8-20 UNEF 1-20 UNEF 1 1/8-18 NS 1 1/4-18 NEF 1 3/8-18 NEF 1 5/8-18 NEF 2 5/16-26 UN A Thread class 2B in inches L A V Note - Both versions, straight and diamond knurling available on back accessories. For details, contact factory. 40 40 55.00 62.71 MS And 97B Series 1 7/8-16UN 2 1/16-16UN 1 7/8-16UN 2 1/16-16UN AMPHENOL |