Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MS-101005 Fiches technique(PDF) 22 Page - Amphenol Corporation

No de pièce MS-101005
Description  the interchangeability and operating characteristics are determined by U.S. Military Specifications.
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMPHENOL [Amphenol Corporation]
Site Internet  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

MS-101005 Fiches technique(HTML) 22 Page - Amphenol Corporation

Back Button MS-101005 Datasheet HTML 18Page - Amphenol Corporation MS-101005 Datasheet HTML 19Page - Amphenol Corporation MS-101005 Datasheet HTML 20Page - Amphenol Corporation MS-101005 Datasheet HTML 21Page - Amphenol Corporation MS-101005 Datasheet HTML 22Page - Amphenol Corporation MS-101005 Datasheet HTML 23Page - Amphenol Corporation MS-101005 Datasheet HTML 24Page - Amphenol Corporation MS-101005 Datasheet HTML 25Page - Amphenol Corporation MS-101005 Datasheet HTML 26Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
20
M
A
A
Q
V
K
L
S
R
Shell Types
Box mounting receptacle
Straight Plug
MS-3102
MS-4102
MS-3106
MS-4106
MOUNTING HOLES
4.39 DIA. FOR SIZE 32 AND 36
3.73 DIA. FOR SIZE 24 AND 28
3.05 DIA. FOR ALL OTHER SIZES
4.55 FOR 40 SIZE
All dimensions are in mm
All dimensions are in mm
Note - Both versions, straight and diamond knurling available on coupling ring. For details, contact factory.
Connector
Size
1.98
30.18
1.98
30.18
41.28
41.28
41.28
49.28
49.28
49.28
49.28
49.28
49.28
49.28
49.28
30.18
30.18
1.98
1.98
1.98
1.98
3.17
3.17
3.17
3.17
3.17
3.17
3.17
3.17
3.45
13.89
15.87
17.46
17.46
19.05
19.05
22.22
22.22
25.40
28.57
31.75
34.92
41.27
48.26
53.97
58.25
14.28
14.28
14.28
19.05
19.05
19.05
19.05
19.05
19.05
20.64
20.64
22.22
22.22
22.22
18.25
20.64
20.64
23.02
23.02
24.61
24.61
26.99
29.37
31.75
34.92
39.69
44.45
49.21
55.58
25.68
28.04
28.04
30.43
30.43
32.82
32.82
35.08
38.38
41.55
44.73
51.08
57.15
63.78
69.85
5/8-24 UNEF
3/4-20 UNEF
3/4-20 UNEF
1-20 UNEF
7/8-20 UNEF
7/8-20 UNEF
1-20 UNEF
1 1/8-18 UNEF
1 1/4-18 UNEF
1 3/8-18 UNEF
1 1/2-18 UNEF
1 3/4-18 UNS
2-18 UNS
2 1/4-16 UN
2 1/2-16 UN
10SL
12S
14S
14
12
16S
16
18
20
22
24
28
32
36
A
K
L
M
N
R
S
Thread
in inches
Connector
Size
19.05
19.84
19.84
22.22
22.22
25.40
25.40
28.57
31.75
34.92
38.10
44.45
51.75
57.15
63.50
5/8-24 NEF
5/8-24 UNEF
11/16-24NEF
11/16-24NEF
3/4-20 UNEF
3/4-20 UNEF
3/4-20 UNEF
3/4-20 UNEF
7/8-20 UNEF
1-20 UNEF
7/8-20 UNEF
7/8-20 UNEF
7/8-20 UNEF
1-20 UNEF
1-20 UNEF
1 1/8-18 NS
1 1/8-18 UNEF
1 1/4-18 NEF
1 1/4-18 UNEF
1 3/8-18 NEF
1 3/8-18 UNEF
1 1/2-18 UNEF
1 5/8-18 NEF
1 3/4-18 UNS
2-18 UNS
2 5/16-20 UN
2 1/4-16 UN
2 1/2-16 UN
10SL
12S
14S
14
12
16S
16
18
20
22
24
28
32
36
A
Q
max
V
Thread
in inches
Thread
in inches
40
40
MS And 97B Series
1 7/8-16UN
2 1/16-16UN
AMPHENOL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40