| Moteur de recherche de fiches techniques de composants électroniques |
|
MS-101003 Fiches technique(PDF) 11 Page - Amphenol Corporation |
|
|
|||||||||||||||||||||||||||||
MS-101003 Fiches technique(HTML) 11 Page - Amphenol Corporation |
|
11 / 40 page ![]() 9 Insert rrangements A Front face of pin insert or rear of socket insert illustrated CONTACT LEGEND 16 12 8 4 0 B A H C D E F G B A C D E F G A C D B A B C D A B C D E F B A D C B A C D E B C A A B A B A B A B C D E A B C D E F G H J K A G B C D E F Insert arrangement Service rating Number of contacts Contact size Premating contact Insert arrangement Service rating Number of contacts Contact size Premating contact Insert arrangement Service rating Number of contacts Contact size Premating contact Insert arrangement Service rating Number of contacts Contact size Premating contact 16-10 A 3 12 B B A D C 18-4 D 4 16 A 18-10 A 4 12 D B A C 18-5 D 2 1 12 16 C 18-11 A 5 12 E 18-12 A 6 16 C or D 18-19 A 10 16 K *18-13 A 1 3 8 12 A 18-20 A 5 16 D 18-8 A 1 7 12 16 H 16-11 A 2 12 16-12 A 1 4 *16-13 A 2 12 A B C D E F G H I J 18-1 B,C,F,G=A;Bal.=Inst. 10 16 A B 18-3 D 2 12 18-9 Inst. 2 5 12 16 18-15 A 4 12 *18-14 A 1 1 4 16 18-7 B 1 8 *18-6 D 1 4 18-16 C 1 12 100 rotation of 18-9 -o *18-17 Inst. 2 5 12 16 MS And 97B Series *Not tooled up, can be tooled up on request. Contact Factory. A B C D A B C 16-7 A 1 2 8 16 C 16-9 A 2 2 12 16 18-06 A 2 4 16 12 B A C D E F AMPHENOL |