Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LED5000 Fiches technique(PDF) 49 Page - STMicroelectronics

No de pièce LED5000
Description  3 A monolithic step-down current source with dimming capability
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED5000 Fiches technique(HTML) 49 Page - STMicroelectronics

Back Button LED5000 Datasheet HTML 44Page - STMicroelectronics LED5000 Datasheet HTML 45Page - STMicroelectronics LED5000 Datasheet HTML 46Page - STMicroelectronics LED5000 Datasheet HTML 47Page - STMicroelectronics LED5000 Datasheet HTML 48Page - STMicroelectronics LED5000 Datasheet HTML 49Page - STMicroelectronics LED5000 Datasheet HTML 50Page - STMicroelectronics LED5000 Datasheet HTML 51Page - STMicroelectronics LED5000 Datasheet HTML 52Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 49 / 52 page
background image
LED5000
Ordering information
Doc ID 023951 Rev 1
49/51
8
Ordering information
Table 12.
Order code
Order code
Package
Packing
LED5000PHR
HPSO8
Tube



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52