Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

N80C196MC Fiches technique(PDF) 2 Page - Intel Corporation

No de pièce N80C196MC
Description  INDUSTRIAL MOTOR CONTROL MICROCONTROLLER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

N80C196MC Fiches technique(HTML) 2 Page - Intel Corporation

  N80C196MC Datasheet HTML 1Page - Intel Corporation N80C196MC Datasheet HTML 2Page - Intel Corporation N80C196MC Datasheet HTML 3Page - Intel Corporation N80C196MC Datasheet HTML 4Page - Intel Corporation N80C196MC Datasheet HTML 5Page - Intel Corporation N80C196MC Datasheet HTML 6Page - Intel Corporation N80C196MC Datasheet HTML 7Page - Intel Corporation N80C196MC Datasheet HTML 8Page - Intel Corporation N80C196MC Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
8XC196MC
270946 – 1
NOTE
Connections between the standard IO ports and the bus are not shown
Figure 1 87C196MC Block Diagram
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22