| Moteur de recherche de fiches techniques de composants électroniques |
|
PL75MCS-213 Fiches technique(PDF) 89 Page - Emerson Network Power |
|
|
|||||||||||||||||||||||||||||
PL75MCS-213 Fiches technique(HTML) 89 Page - Emerson Network Power |
|
89 / 100 page ![]() 87 Cable Group Table Cable Group Table CABLE MANUFACTURER CABLE NUMBER CABLE TYPE WRENCH STYLE CRIMP STYLE JACKET SIZE CONDUCTOR IMPEDANCE MIL-SPEC M17/138-00001 COAX -5 -003 0.102 0.021 50 MIL-SPEC M17/152-00001 COAX -5 -006 0.120 0.021 50 MIL-SPEC M17/155-00001 COAX -1 -011 0.200 0.038 50 MIL-SPEC M17/157-00001 COAX -4 -010 0.160 0.031 50 MIL-SPEC M17/158-00001 COAX -1 -012 0.200 0.039 50 MIL-SPEC M17/162-00001 COAX -6E _ 0.336 0.057 50 MIL-SPEC M17/163-00001 COAX -6A _ 0.412 0.090 50 MIL-SPEC M17/164-00001 COAX -6B _ 0.432 0.090 50 MIL-SPEC M17/164-00002 COAX -6B _ 0.432 0.090 50 MIL-SPEC M17/167-00001 COAX -3 -012 0.216 0.036 50 MIL-SPEC M17/169-00001 COAX -5A -001 0.075 0.013 50 MIL-SPEC M17/170-00001 COAX -21 -011 0.175 0.038 50 MIL-SPEC M17/171-00001 COAX -41 _ 0.288 0.060 50 MIL-SPEC M17/172-00001 COAX -5 -003 0.102 0.021 50 MIL-SPEC M17/173-00001 COAX -5 -003 0.100 0.019 50 MIL-SPEC M17/174-00001 COAX -6A _ 0.400 0.090 50 MIL-SPEC M17/175-00001 COAX -1 -012 0.200 0.039 50 MIL-SPEC M17/176-00002 TWINAX -47 -201 0.134 0.024 77 MIL-SPEC M17/177-00001 TRIAX -60 -305 0.189 0.013 95 MIL-SPEC M17/179-00001 TRIAX * -305 0.195 0.013 75 MIL-SPEC M17/180-00001 COAX -6E -017 0.336 0.029 75 MIL-SPEC M17/181-00001 COAX -6A _ 0.412 0.050 75.E MIL-SPEC M17/184-00001 COAX -2 -013 0.246 0.024 75 MIL-SPEC M17/186-00001 TWINAX -9 *** -213 0.245 0.040 78 MIL-SPEC M17/187-00001 COAX -4 * 0.160 0.031 50 MIL-SPEC M17/189-00001 COAX -6A _ 0.412 0.090 50 MIL-SPEC M17/190-00001 COAX -6B TOO LARGE 0.432 0.089 50 MIL-SPEC M17/196-00001 COAX -5 * 0.115 0.019 50 MIL-SPEC M17/200-00001 COAX -3 -012 0.216 0.036 50 MIL-SPEC M17/29-RG59 COAX -2 -013 0.245 0.023 75 MIL-SPEC M17/2-RG6 COAX -6E -017 0.336 0.029 75 MIL-SPEC M17/30-RG062 COAX -2B -013 0.250 0.025 93 MIL-SPEC M17/31-RG63 COAX -6A _ 0.415 0.026 125 MIL-SPEC M17/45-RG108 TWINAX -9 -213 0.235 0.038 78 MIL-SPEC M17/47-RG114 COAX -6A _ 0.415 0.08 185 MIL-SPEC M17/60-RG142 COAX -1 -012 0.200 0.040 50 MIL-SPEC M17/62-RG144 COAX -6B TOO LARGE 0.412 0.0525 75 MIL-SPEC M17/6-RG11 COAX -6A -053 0.412 0.050 75 MIL-SPEC M17/77-RG216 COAX -6B _ 0.432 0.050 75 MIL-SPEC M17/84-RG223 COAX -3 -012 0.216 0.035 50 MIL-SPEC M17/86-00001 COAX -6B _ 0.440 0.094 50 MIL-SPEC M17/90-RG71 COAX -2B -015A 0.250 0.025 93 MIL-SPEC M17/97-RG210 COAX -2B -013B 0.250 0.026 93 MIL-SPEC M27500-22TE2T14 TWINAX -45 -210 0.137 0.032 _ MIL-SPEC M27500-22TN2N06 TWINAX -29 -201 0.134 0.029 _ MIL-SPEC M27500-24S82T23 TWINAX _ -208 0.101 0.021 78 MONTROSE 9835-735 COAX * -026 0.135 0.015 75 MONTROSE CDT 735A COAX _ -026 0.129 0.016 75 MONTROSE IFX4385 COAX _ -004 0.100 0.013 75 MONTROSE/CDT CBL 1225 TWINAX _ -225 0.200 0.022 124 MONTROSE/CDT CBL 1233 COAX -2A -025 0.225 0.033 75 MONTROSE/CDT CBL 1235 COAX -2A -025 0.235 0.031 75 MONTROSE/CDT CBL 1288-() COAX _ -026 0.129 0.016 75 MONTROSE/CDT CBL 2108 COAX -2A -025 0.235 0.031 75 Note: * = Special contact customer service For a complete listing please refer to the online catalog. |
|
Lien URL |
| ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Lien vers la fiche technique | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |