| Moteur de recherche de fiches techniques de composants électroniques |
|
PL75-60 Fiches technique(PDF) 21 Page - Emerson Network Power |
|
|
|||||||||||||||||||||||||||||
PL75-60 Fiches technique(HTML) 21 Page - Emerson Network Power |
|
21 / 100 page ![]() 19 Mounting Hole: D4.125 .295 DIA .308 1.055 .5625-28UN-2A .687 HEX NUT SOLDER POT ACCEPTS .034 MAX DIA CONDUCTOR BJ158 Shown Mounting Hole: D5.190/D4.190 (Threaded) BJ153 Shown Mounting Hole: D9.116 BJ157 Shown (Hermetically sealed version available, pg.16) Mounting Hole: D6.187 BJ157F Shown (S) = Comes with Stainless Steel Phillips #3-56 Pan Head Screws Maximum Panel Thickness .187 BJ154AC Shown Mounting Hole: D9.116 “D” mounting holes see page 54. BJ152 Shown Mounting Hole: D9.208 BJ150 Shown Mounting Hole: D4.250 .437 HEX .375 HEX NUT ACCEPTS .034 MAX DIA CONDUCTOR .3125-32UNEF-2A .750 .402 .093 DIA HOLE 1.050 .500 TYP B TYP .485 1.050 .090 .300 DIA MAX TYP SOLDER POT ACCEPTS .026 DIA CONDUCTOR MTG HOLES SEE BELOW A .101 .500 HEX NUT .4375-28UNEF-2A SOLDER POT ACCEPTS .034 DIA CONDUCTOR .140 DIA THRU 1.049 .818 .892 .500 HEX 1.070 .375-32UNEF-2A .437 HEX NUT .620 .580 .688 HEX NUT .030 SHRINKABLE STRAIN RELIEF SHRINKABLE SEALING SLEEVE (LONG) .750 DIA 1.289 .155 .688 HEX .5625-28UNEF-2A .760 .580 1.070 Twinax/Triax Connectors / Subminiature Jacks & Plugs 150/3150 Series TRS/TTM Twinax/Triax Connectors / Subminiature Bulkhead Jacks 150/3150 Series, TRS/TTM Front Mount Bulkhead Jack Rear Mount, Solder Pot 3-Lug................................................. BJ157 4-Lug.............................................. BJ157FL Threaded......................................... BJ3157 Feed-Through Jack 3-Lug................................................. BJ158 4-Lug.............................................. BJ158FL Threaded......................................... BJ3158 Bulkhead Jack Rear Mount, Solder Pot 3-Lug................................................. BJ150 4-Lug.............................................. BJ150FL Threaded......................................... BJ3150 Bulkhead Jacks Flange Mount, Solder Pot 3-Lug......................................... BJ157F 4-Lug...................................... BJ157FFL Threaded................................. BJ3157F Insulated Bulkhead Jack Front Mount, Solder Pot 3-Lug................................................. BJ152 4-Lug.............................................. BJ152FL Threaded......................................... BJ3152 Hole Configuration # of Holes/Type-Dimension A Dim= .425 2/Clear - .103” Diameter -2C(S) 2/Threaded - .099-56UNF-UB -2T(S) B Dim= .687 4/Clear - .103” Diameter -4C(S) 4/Threaded - .099-56UNF-UB -4T(S) Insulated Bulkhead Jack Rear Mount, Tool Crimp 3-Lug...................................... BJ154AC- 4-Lug.................................. BJ154ACFL- Threaded.............................. BJ3154AC- Insulated Feed-Through Jack 3-Lug................................................. BJ153 4-Lug.............................................. BJ153FL Threaded......................................... BJ3153 Refer to Cable Group Tables, pages 74-91. |
|
Lien URL |
| ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Lien vers la fiche technique | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |