| Moteur de recherche de fiches techniques de composants électroniques |
|
WM8953ECS/RV Fiches technique(PDF) 98 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8953ECS/RV Fiches technique(HTML) 98 Page - Wolfson Microelectronics plc |
|
98 / 100 page ![]() WM8953 Production Data w PD, January 2009, Rev 4.0 98 APPLICATIONS INFORMATION RECOMMENDED EXTERNAL COMPONENTS Notes: 1. Wolfson recommend using a single, common ground reference. Where this is not possible care should be taken to optimise split ground configuration for audio performance. 2. Supply decoupling capacitors on DCVDD, DBVDD and AVDD should be positioned as close to the WM8953 as possible. Values indicated are minimum requirements. 3. Capacitor types should be carefully chosen. Capacitors with very low ESR are recommended for optimum performance. 4. The 2k2 MICBIAS resistors on each of the MIC inputs are typical values and will be suitable for many electret type microphones. However, it is recommended that engineers refer to individual microphone specifications prior to finalising the value of this component. WM8953 AVDD DCVDD DBVDD MODE SDIN SCLK CSB/ADDR MCLK BCLK ADCLRC ADCDAT GPIO5 GPIO4 GPIO3 LIN1 LIN4 LIN3/GPI7 LIN2 RIN1 RIN4 RIN3/GPI8 RIN2 AGND DGND MICBIAS VMID 1 F 1 F 4.7 F CONTROL INTERFACE (2, 3 or 4-wire via GPIO) AUDIO INTERFACE GPIO 4.7 F 0.1 F 0.1 F DVDD AVDD 1 F 1 F 1 F 1 F 1 F 1 F MICBIAS MICBIAS 2k2 2k2 HEADSET MIC HANDSET MIC AGND 4.7 F LINE INPUTS LINE INPUTS |