| Moteur de recherche de fiches techniques de composants électroniques |
|
VIPER16LN Fiches technique(PDF) 18 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VIPER16LN Fiches technique(HTML) 18 Page - STMicroelectronics |
|
18 / 25 page ![]() Open loop failure protection VIPER16 18/25 Doc ID 15232 Rev 5 15 Open loop failure protection In case the power supply is built in fly-back topology and the VIPer16 is supplied by an auxiliary winding, as shown in Figure 27 on page 18 and Figure 28 on page 19, the converter is protected against feedback loop failure or accidental disconnections of the winding. The following description is applicable for the schematics of Figure 27 on page 18 and Figure 28 on page 19, respectively the non-isolated fly-back and the isolated fly-back. If RH is opened or RL is shorted, the VIPer16 works at its drain current limitation. The output voltage, VOUT, will increase and so the auxiliary voltage, VAUX, which is coupled with the output through the secondary-to-auxiliary turns ratio. As the auxiliary voltage increases up to the internal VDD active clamp, VDDclamp (the value is reported on Table 8 on page 7) and the clamp current injected on VDD pin exceeds the latch threshold, IDDol (the value is reported on Table8 on page7), a fault signal is internally generated. In order to distinguish an actual malfunction from a bad auxiliary winding design, both the above conditions (drain current equal to the drain current limitation and current higher than IDDol through VDD clamp) have to be verified to reveal the fault. If RL is opened or RH is shorted, the output voltage, VOUT, will be clamped to the reference voltage VREF_FB (in case of non isolated fly-back) or to the external TL voltage reference (in case of isolated fly-back). Figure 27. FB pin connection for non-isolated fly-back V COMPL D AUX nR FB VDD V AUX COMP + - to PWM R L E/A R H R R AUX C VDD V OUT RS V REF_FB from R SENSE BUS + - PWM stop CS CP |
|
Lien URL |
| ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Lien vers la fiche technique | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |