Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

W25Q128FVCIP Fiches technique(PDF) 2 Page - Winbond

No de pièce W25Q128FVCIP
Description  SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WINBOND [Winbond]
Site Internet  http://www.winbond.com
Logo WINBOND - Winbond

W25Q128FVCIP Fiches technique(HTML) 2 Page - Winbond

  W25Q128FVCIP Datasheet HTML 1Page - Winbond W25Q128FVCIP Datasheet HTML 2Page - Winbond W25Q128FVCIP Datasheet HTML 3Page - Winbond W25Q128FVCIP Datasheet HTML 4Page - Winbond W25Q128FVCIP Datasheet HTML 5Page - Winbond W25Q128FVCIP Datasheet HTML 6Page - Winbond W25Q128FVCIP Datasheet HTML 7Page - Winbond W25Q128FVCIP Datasheet HTML 8Page - Winbond W25Q128FVCIP Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 97 page
background image
W25Q128FV
- 1 -
Table of Contents
1.
GENERAL DESCRIPTIONS............................................................................................................. 5
2.
FEATURES....................................................................................................................................... 5
3.
PACKAGE TYPES AND PIN CONFIGURATIONS........................................................................... 6
3.1
Pin Configuration SOIC / VSOP 208-mil .............................................................................. 6
3.2
Pad Configuration WSON 6x5-mm / 8x6-mm ...................................................................... 6
3.3
Pin Description SOIC / VSOP 208-mil, WSON 6x5-mm / 8x6-mm ...................................... 6
3.4
Pin Configuration SOIC 300-mil ........................................................................................... 7
3.5
Pin Description SOIC 300-mil............................................................................................... 7
3.6
Ball Configuration TFBGA 8x6-mm (5x5 or 6x4 Ball Array) ................................................. 8
3.7
Ball Description TFBGA 8x6-mm ......................................................................................... 8
3.8
Pin Configuration PDIP 300-mil............................................................................................ 9
3.9
Pin Description PDIP 300-mil ............................................................................................... 9
4.
PIN DESCRIPTIONS ...................................................................................................................... 10
4.1
Chip Select (/CS) ................................................................................................................ 10
4.2
Serial Data Input, Output and IOs (DI, DO and IO0, IO1, IO2, IO3)................................... 10
4.3
Write Protect (/WP) ............................................................................................................ 10
4.4
HOLD (/HOLD) ................................................................................................................... 10
4.5
Serial Clock (CLK) .............................................................................................................. 10
4.6
Reset (/RESET).................................................................................................................. 10
5.
BLOCK DIAGRAM .......................................................................................................................... 11
6.
FUNCTIONAL DESCRIPTIONS..................................................................................................... 12
6.1
SPI / QPI Operations .......................................................................................................... 12
6.1.1
Standard SPI Instructions.....................................................................................................12
6.1.2
Dual SPI Instructions ............................................................................................................12
6.1.3
Quad SPI Instructions...........................................................................................................13
6.1.4
QPI Instructions ....................................................................................................................13
6.1.5
Hold Function .......................................................................................................................13
6.1.6
Software Reset & Hardware /RESET pin..............................................................................14
6.2
Write Protection .................................................................................................................. 15
6.2.1
Write Protect Features .........................................................................................................15
7.
STATUS AND CONFIGURATION REGISTERS ............................................................................ 16
7.1
Status Registers ................................................................................................................. 16
7.1.1
Erase/Write In Progress (BUSY) – Status Only....................................................................16
7.1.2
Write Enable Latch (WEL) – Status Only .............................................................................16
7.1.3
Block Protect Bits (BP2, BP1, BP0) – Volatile/Non-Volatile Writable ...................................16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97