| Moteur de recherche de fiches techniques de composants électroniques |
|
ATS-56009-C4-R0 Fiches technique(PDF) 1 Page - Advanced Thermal Solutions, Inc. |
|
|
|||||||||||||||||||||||||||||
ATS-56009-C4-R0 Fiches technique(HTML) 1 Page - Advanced Thermal Solutions, Inc. |
|
|
1 / 1 page ![]() Rev - 121101 High Performance ASIC Cooling Solutions *Image above is for illustration purpose only. ATS Part#: ATS-56009-C4-R0 Description: maxiFLOW Heat Sink, NO TIM, BLACK-ANODIZED Heat Sink Type: maxiFLOW Heat Sink Attachment: THERMAL TAPE Equivalent Part Number: Features & Benefits maxiFLOW™ design features a low profile, spread fin array that maximizes surface area for more effective convection (air) cooling Designed specifically for ASIC package and their unique cooling requirements Also available with thermal interface material (TIM) applied to the base of the heat sink. Contact ATS for TIM options available. Thermal Performance AIR VELOCITY @200 LFM 1.0 M/S @300 LFM 1.5 M/S @400 LFM 2.0 M/S @500 LFM 2.5 M/S @600 LFM 3.0 M/S @700 LFM 3.5 M/S @800 LFM 4.0 M/S THERMAL RESISTANCE Unducted Flow 3.70 °C/W 2.80 °C/W 2.30 °C/W 1.90 °C/W 1.70 °C/W 1.60 °C/W 1.50 °C/W Ducted Flow 3.10 n/a n/a n/a n/a n/a n/a Product Detail Schematic Image Dimension A Dimension B Dimension C Dimension D TIM Finish *Image above is for illustration purpose only. 58.0 mm 30.0 mm 9.0 mm 38.1 mm NO TIM BLACK-ANODIZED Notes: Dimension A and B refer to heat sink length and width Dimension C is the heat sink height from the bottom of the base to the top of the fin field. Thermal performance data are provided for reference only. Actual performance may vary by application. ATS reserves the right to update or change its products without notice to improve the design or performance. ATS certifies that this heat sink assembly is RoHS-6 and REACH compliant. Contact ATS to learn about custom options available. For more information, to find a distributor or to place an order, please contact us at 781-769-2800 (North America), sales@qats.com or www.qats.com. © 2012 Advanced Thermal Solutions, Inc. | 89-27 Access Road | Norwood MA | 02062 | USA |
Numéro de pièce similaire - ATS-56009-C4-R0_12 |
|
Description similaire - ATS-56009-C4-R0_12 |