Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS3552 Fiches technique(PDF) 7 Page - Taiwan Semiconductor Company, Ltd

No de pièce TS3552
Description  2A/350kHz Synchronous Buck DC/DC Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TSC [Taiwan Semiconductor Company, Ltd]
Site Internet  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS3552 Fiches technique(HTML) 7 Page - Taiwan Semiconductor Company, Ltd

Back Button TS3552 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS3552 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS3552 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS3552 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS3552 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS3552 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS3552 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd TS3552 Datasheet HTML 10Page - Taiwan Semiconductor Company, Ltd TS3552 Datasheet HTML 11Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
TS3552
2A/350kHz Synchronous Buck DC/DC Converter
7/11
Version: B11
Application Information (Continue)
Loop Compensation
The system has one zero of importance, due to the compensation capacitor, Cc and the compensation resistor, Rc.
This zero is located at:
The system may have another zero of importance, if the output capacitor has a large capacitance and/or a high
ESR value. The zero, due to the ESR and capacitance of the output capacitor, is located at:
In this case, a third pole set by the compensation capacitor, C7 and the compensation resistor, Rc is used to
compensate the effect of the ESR zero on the loop gain. This pole is located at:
The values of the compensation components given in this data sheet yield a stable control loop for the given output
voltage and capacitor. If different conversions and output capacitors are requires, some values of the
compensation components may need to be adjusted to ensure stability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11