Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SSL22 Fiches technique(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

No de pièce SSL22
Description  2.0AMPS. Surface Mount Low VF Schottky Barrier Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TSC [Taiwan Semiconductor Company, Ltd]
Site Internet  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SSL22 Fiches technique(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  SSL22_13 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SSL22_13 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SSL22_13 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SSL22_13 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Dimensions
Min
Max
Min
Max
A
1.95
2.10
0.077
0.083
B
3.48
3.73
0.137
0.147
C
4.25
4.75
0.167
0.187
D
1.99
2.61
0.078
0.103
E
0.90
1.41
0.035
0.056
F
5.10
5.30
0.201
0.209
G
0.10
0.20
0.004
0.008
H
0.15
0.31
0.006
0.012
I
0.15
0.31
0.006
0.012
P/N
= Specific Device Code
G
= Green Compound
YW
= Date Code
Unit(inch)
Marking Diagram
DIM.
Unit(mm)



Html Pages

1 2 3 4