Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

JS28F320J3C110 Fiches technique(PDF) 4 Page - Intel Corporation

No de pièce JS28F320J3C110
Description  Intel StrataFlash짰 Memory
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

JS28F320J3C110 Fiches technique(HTML) 4 Page - Intel Corporation

  JS28F320J3C110 Datasheet HTML 1Page - Intel Corporation JS28F320J3C110 Datasheet HTML 2Page - Intel Corporation JS28F320J3C110 Datasheet HTML 3Page - Intel Corporation JS28F320J3C110 Datasheet HTML 4Page - Intel Corporation JS28F320J3C110 Datasheet HTML 5Page - Intel Corporation JS28F320J3C110 Datasheet HTML 6Page - Intel Corporation JS28F320J3C110 Datasheet HTML 7Page - Intel Corporation JS28F320J3C110 Datasheet HTML 8Page - Intel Corporation JS28F320J3C110 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 72 page
background image
Contents
4
Datasheet
9.2
Device Commands ............................................................................................................. 35
10.0 Read Operations.......................................................................................................................... 37
10.1
Read Array.......................................................................................................................... 37
10.1.1 Asynchronous Page Mode Read ........................................................................... 37
10.1.2 Enhanced Configuration Register (ECR)............................................................... 38
10.2
Read Identifier Codes ......................................................................................................... 39
10.2.1 Read Status Register............................................................................................. 39
10.3
Read Query/CFI.................................................................................................................. 41
11.0 Programming Operations ........................................................................................................... 42
11.1
Byte/Word Program ............................................................................................................ 42
11.2
Write to Buffer..................................................................................................................... 42
11.3
Program Suspend............................................................................................................... 43
11.4
Program Resume................................................................................................................ 43
12.0 Erase Operations......................................................................................................................... 44
12.1
Block Erase......................................................................................................................... 44
12.2
Block Erase Suspend .........................................................................................................44
12.3
Erase Resume .................................................................................................................... 45
13.0 Security Modes ............................................................................................................................ 46
13.1
Set Block Lock-Bit............................................................................................................... 46
13.2
Clear Block Lock-Bits.......................................................................................................... 46
13.3
Protection Register Program .............................................................................................. 47
13.3.1 Reading the Protection Register............................................................................ 47
13.3.2 Programming the Protection Register.................................................................... 47
13.3.3 Locking the Protection Register............................................................................. 47
13.4
Array Protection .................................................................................................................. 49
14.0 Special Modes.............................................................................................................................. 50
14.1
Set Read Configuration Register Command ...................................................................... 50
14.2
Status (STS) ....................................................................................................................... 50
Appendix A Common Flash Interface.................................................................................................52
Appendix B Flow Charts ......................................................................................................................59
Appendix C Design Considerations ...................................................................................................68
Appendix D Additional Information ....................................................................................................70
Appendix E Ordering Information.......................................................................................................71



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72