| Moteur de recherche de fiches techniques de composants électroniques |
|
PER-R16P Fiches technique(PDF) 1 Page - AAEON Technology |
|
|
|||||||||||||||||||||||||||||
PER-R16P Fiches technique(HTML) 1 Page - AAEON Technology |
|
|
1 / 1 page ![]() Note: All specifications are subject to change without notice. 16 16-1 Features Riser Cards Features PER-R16P Riser Card For EMB-9658T/ 6908T/ 9458T/ 9459T/ 945T Rev.B ■ PCI Master Slot x 1 ■ PCI-Express [x4] Slot x 1 ( Can Be Used For [x1]) TF-PER-R16P-A10 • Riser Card, PCI + PCI-E [x4], for Mini-ITX Series Ordering Information Riser Card For Compact Board And Mini-ITX Series ■ PCI Master Slot x 2 ■ AD Selection PER-1110 Riser Cards TF-PER-1110-A10 • Riser Card for PCI 2-slot, for Compact Board & Mini-ITX Series Ordering Information |
Numéro de pièce similaire - PER-R16P |
|
Description similaire - PER-R16P |