| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F103XF Fiches technique(PDF) 32 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F103XF Fiches technique(HTML) 32 Page - STMicroelectronics |
|
32 / 120 page ![]() Pinouts and pin descriptions STM32F103xF, STM32F103xG 32/120 Doc ID 16554 Rev 3 K10 - 60 82 PD13 I/O FT PD13 FSMC_A18 TIM4_CH2 G8 - - 83 VSS_8 SVSS_8 F8 - - 84 VDD_8 SVDD_8 K11 - 61 85 PD14 I/O FT PD14 FSMC_D0 TIM4_CH3 K12 - 62 86 PD15 I/O FT PD15 FSMC_D1 TIM4_CH4 J12 - - 87 PG2 I/O FT PG2 FSMC_A12 J11 - - 88 PG3 I/O FT PG3 FSMC_A13 J10 - - 89 PG4 I/O FT PG4 FSMC_A14 H12 - - 90 PG5 I/O FT PG5 FSMC_A15 H11 - - 91 PG6 I/O FT PG6 FSMC_INT2 H10 - - 92 PG7 I/O FT PG7 FSMC_INT3 G11 - - 93 PG8 I/O FT PG8 G10 - - 94 VSS_9 SVSS_9 F10 - - 95 VDD_9 SVDD_9 G12 37 63 96 PC6 I/O FT PC6 I2S2_MCK / TIM8_CH1 / SDIO_D6 TIM3_CH1 F12 38 64 97 PC7 I/O FT PC7 I2S3_MCK / TIM8_CH2 / SDIO_D7 TIM3_CH2 F11 39 65 98 PC8 I/O FT PC8 TIM8_CH3 / SDIO_D0 TIM3_CH3 E11 40 66 99 PC9 I/O FT PC9 TIM8_CH4 / SDIO_D1 TIM3_CH4 E12 41 67 100 PA8 I/O FT PA8 USART1_CK / TIM1_CH1(7) / MCO D12 42 68 101 PA9 I/O FT PA9 USART1_TX(7) / TIM1_CH2(7) D11 43 69 102 PA10 I/O FT PA10 USART1_RX(7) / TIM1_CH3(7) C12 44 70 103 PA11 I/O FT PA11 USART1_CTS / USBDM / CAN_RX(7) / TIM1_CH4(7) B12 45 71 104 PA12 I/O FT PA12 USART1_RTS / USBDP / CAN_TX(7) / TIM1_ETR(7) A12 46 72 105 PA13 I/O FT JTMS- SWDIO PA13 C11 - 73 106 Not connected G9 47 74 107 VSS_2 SVSS_2 F9 48 75 108 VDD_2 SVDD_2 A11 49 76 109 PA14 I/O FT JTCK- SWCLK PA14 Table 5. STM32F103xF and STM32F103xG pin definitions (continued) Pins Pin name Main function(3) (after reset) Alternate functions(4) Default Remap |