| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F407IG Fiches technique(PDF) 50 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F407IG Fiches technique(HTML) 50 Page - STMicroelectronics |
|
50 / 167 page ![]() Pinouts and pin description STM32F405xx, STM32F407xx 50/167 Doc ID 022152 Rev 2 - 60 82 M15 101 PD13 I/O FT FSMC_A18/TIM4_CH2/ EVENTOUT - - 83 - 102 VSS S - - 84 J13 103 VDD S - 61 85 M14 104 PD14 I/O FT FSMC_D0/TIM4_CH3/ EVENTOUT/ EVENTOUT - 62 86 L14 105 PD15 I/O FT FSMC_D1/TIM4_CH4/ EVENTOUT - - 87 L15 106 PG2 I/O FT FSMC_A12/ EVENTOUT - - 88 K15 107 PG3 I/O FT FSMC_A13/ EVENTOUT - - 89 K14 108 PG4 I/O FT FSMC_A14/ EVENTOUT - - 90 K13 109 PG5 I/O FT FSMC_A15/ EVENTOUT - - 91 J15 110 PG6 I/O FT FSMC_INT2/ EVENTOUT - - 92 J14 111 PG7 I/O FT FSMC_INT3 /USART6_CK/ EVENTOUT - - 93 H14 112 PG8 I/O FT USART6_RTS / ETH_PPS_OUT/ EVENTOUT - - 94 G12 113 VSS S - - 95 H13 114 VDD S 37 63 96 H15 115 PC6 I/O FT I2S2_MCK / TIM8_CH1/SDIO_D6 / USART6_TX / DCMI_D0/TIM3_CH1/ EVENTOUT 38 64 97 G15 116 PC7 I/O FT I2S3_MCK / TIM8_CH2/SDIO_D7 / USART6_RX / DCMI_D1/TIM3_CH2/ EVENTOUT 39 65 98 G14 117 PC8 I/O FT TIM8_CH3/SDIO_D0 /TIM3_CH3/ USART6_CK / DCMI_D2/ EVENTOUT 40 66 99 F14 118 PC9 I/O FT I2S_CKIN/ MCO2 / TIM8_CH4/SDIO_D1 / /I2C3_SDA / DCMI_D3 / TIM3_CH4/ EVENTOUT Table 6. STM32F40x pin and ball definitions (continued) Pin number Pin name (function after reset)(1) Alternate functions Additional functions |