| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F051R8 Fiches technique(PDF) 49 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F051R8 Fiches technique(HTML) 49 Page - STMicroelectronics |
|
49 / 104 page ![]() Electrical characteristics STM32F051x 50/105 Doc ID 022265 Rev 3 Table 28. Typical and maximum VDDA consumption in Stop and Standby modes Symbol Parameter Conditions Typ @VDD (VDD = VDDA)Max (1) Unit 2.0 V 2.4 V 2.7 V 3.0 V 3.3 V 3.6 V TA = 25 °C TA = 85 °C TA = 105 °C IDDA Supply current in Stop mode Regulator in run mode, all oscillators OFF 1.85 2 2.15 2.3 2.45 2.6 3.5 3.5 4.5 µA Regulator in low-power mode, all oscillators OFF 1.85 2 2.15 2.3 2.45 2.6 3.5 3.5 4.5 Supply current in Standby mode LSI ON and IWDG ON 2.25 2.5 2.65 2.85 3.05 3.3 - - - LSI OFF and IWDG OFF 1.75 1.9 2 2.15 2.3 2.5 3.5 3.5 4.5 Supply current in Stop mode Regulator in run mode, all oscillators OFF 1.11 1.15 1.18 1.22 1.27 1.35 - - - Regulator in low-power mode, all oscillators OFF 1.11 1.15 1.18 1.22 1.27 1.35 - - - Supply current in Standby mode LSI ON and IWDG ON 1.5 1.58 1.65 1.78 1.91 2.04 - - - LSI OFF and IWDG OFF 1 1.02 1.05 1.05 1.15 1.22 - - - 1. Data based on characterization results, not tested in production. Table 29. Typical and maximum current consumption from VBAT supply Symbol Parameter Conditions Typ @ VBAT Max(1) Unit TA = 25 °C TA = 85 °C TA = 105 °C IDD_VBAT Backup domain supply current LSE & RTC ON; "Xtal mode": lower driving capability; LSEDRV[1:0] = '00' 0.41 0.43 0.53 0.58 0.71 0.80 0.85 1.1 1.5 µA LSE & RTC ON; "Xtal mode" higher driving capability; LSEDRV[1:0] = '11' 0.71 0.75 0.85 0.91 1.06 1.16 1.25 1.55 2 1. Data based on characterization results, not tested in production. |