Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCC4514BK Fiches technique(PDF) 10 Page - STMicroelectronics

No de pièce HCC4514BK
Description  Rad-hard high voltage CMOS logic series
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCC4514BK Fiches technique(HTML) 10 Page - STMicroelectronics

Back Button HCC4514BK Datasheet HTML 6Page - STMicroelectronics HCC4514BK Datasheet HTML 7Page - STMicroelectronics HCC4514BK Datasheet HTML 8Page - STMicroelectronics HCC4514BK Datasheet HTML 9Page - STMicroelectronics HCC4514BK Datasheet HTML 10Page - STMicroelectronics HCC4514BK Datasheet HTML 11Page - STMicroelectronics HCC4514BK Datasheet HTML 12Page - STMicroelectronics HCC4514BK Datasheet HTML 13Page - STMicroelectronics HCC4514BK Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Package mechanical data
HCC4xxx
10/24
Doc ID 17102 Rev 3
Figure 2.
Ceramic Flat-14 mechanical drawings
Note:
The upper metallic lid is not electrically connected to any pins, nor to the IC die inside the
package. Connecting unused pins or metal lid to ground or to the power supply will not affect
the electrical characteristics.
Table 4.
Ceramic Flat-14 mechanical data
Dim
mm
Min
Typ
Max
A
6.75
6.91
7.06
B
9.76
9.95
10.14
C
1.49
1.95
D
0.10
0.127
0.15
E
7.50
7.62
7.75
F
1.27
G
0.38
0.43
0.48
H
6.0
L
18.75
en
22.0
M
0.38
N
4.31
016029E
1
7
8
14
F
G
D
H
A
B
M
N
H
C
L
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24