Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCC4070BK Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce HCC4070BK
Description  Rad-hard high voltage CMOS logic series
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCC4070BK Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button HCC4070BK Datasheet HTML 16Page - STMicroelectronics HCC4070BK Datasheet HTML 17Page - STMicroelectronics HCC4070BK Datasheet HTML 18Page - STMicroelectronics HCC4070BK Datasheet HTML 19Page - STMicroelectronics HCC4070BK Datasheet HTML 20Page - STMicroelectronics HCC4070BK Datasheet HTML 21Page - STMicroelectronics HCC4070BK Datasheet HTML 22Page - STMicroelectronics HCC4070BK Datasheet HTML 23Page - STMicroelectronics HCC4070BK Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
HCC40161BK
9204/054/01 or 02
ESCC flight
Specify ESCC variant number in PO
Flat-16
Gold or solder dip
920405401 or 02
0.70
Y
Strip pack
HCC40161BD 9204/054/08 or 09
DIL-16
920405408 or 09
2.20
-
HCC40174BK
9203/038/01 or 02
Flat-16
920303801 or 02
0.70
Y
HCC40174BD 9203/038/08 or 09
DIL-16
920303808 or 09
2.20
-
HCC40193BK
9204/041/01 or 02
Flat-16
920404101 or 02
0.70
-
HCC40193BD 9204/041/08 or 09
DIL-16
920404108 or 09
2.20
-
HCC4502BK
9401/006/01 or 02
Flat-16
940100601 or 02
0.70
Y
HCC4502BD
9401/006/08 or 09
DIL-16
940100608 or 09
2.20
-
HCC4503BK
9401/030/01 or 02
Flat-16
940103001 or 02
0.70
Y
HCC4503BD
9401/030/08 or 09
DIL-16
940103008 or 09
2.20
-
HCC4508BK
9202/063/01 or 02
Flat-24
920206301 or 02
1.70
Y
HCC4508BD
9202/063/03 or 04
DIL-24
920206303 or 04
5.20
-
HCC4512BK
9408/006/01 or 02
Flat-16
940800601 or 02
0.70
Y
HCC4512BD
9408/006/08 or 09
DIL-16
940800608 or 09
2.20
-
HCC4514BK
9408/012/01 or 02
Flat-24
940801201 or 02
1.70
-
HCC4514BD
9408/012/03 or 04
DIL-24
940801203 or 04
5.20
-
HCC4515BK
9205/011/01 or 02
Flat-24
920501101 or 02
1.70
-
HCC4515BD
9205/011/03 or 04
DIL-24
920501103 or 04
5.20
-
HCC4516BK
9204/045/01 or 02
Flat-16
920404501 or 02
0.70
-
HCC4516BD
9204/045/08 or 09
DIL-16
920404508 or 09
2.20
-
HCC4520BK
9204/028/01 or 02
Flat-16
920402801 or 02
0.70
-
HCC4520BD
9204/028/08 or 09
DIL-16
920402808 or 09
2.20
-
HCC4532BK
9202/065/01 or 02
Flat-16
920206501 or 02
0.70
-
HCC4532BD
9202/065/08 or 09
DIL-16
920206508 or 09
2.20
-
HCC4538BK
9207/007/01 or 02
Flat-16
920700701 or 02
0.70
-
Table 10.
Ordering information (continued)
Order code
ESCC detailed
specification
Quality level
Comment
Package
Lead finish
Marking
Mass
(g)
EPPL
Packing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24