| Moteur de recherche de fiches techniques de composants électroniques |
|
HCC4063BD Fiches technique(PDF) 21 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
HCC4063BD Fiches technique(HTML) 21 Page - STMicroelectronics |
|
21 / 24 page ![]() HCC40161BK 9204/054/01 or 02 ESCC flight Specify ESCC variant number in PO Flat-16 Gold or solder dip 920405401 or 02 0.70 Y Strip pack HCC40161BD 9204/054/08 or 09 DIL-16 920405408 or 09 2.20 - HCC40174BK 9203/038/01 or 02 Flat-16 920303801 or 02 0.70 Y HCC40174BD 9203/038/08 or 09 DIL-16 920303808 or 09 2.20 - HCC40193BK 9204/041/01 or 02 Flat-16 920404101 or 02 0.70 - HCC40193BD 9204/041/08 or 09 DIL-16 920404108 or 09 2.20 - HCC4502BK 9401/006/01 or 02 Flat-16 940100601 or 02 0.70 Y HCC4502BD 9401/006/08 or 09 DIL-16 940100608 or 09 2.20 - HCC4503BK 9401/030/01 or 02 Flat-16 940103001 or 02 0.70 Y HCC4503BD 9401/030/08 or 09 DIL-16 940103008 or 09 2.20 - HCC4508BK 9202/063/01 or 02 Flat-24 920206301 or 02 1.70 Y HCC4508BD 9202/063/03 or 04 DIL-24 920206303 or 04 5.20 - HCC4512BK 9408/006/01 or 02 Flat-16 940800601 or 02 0.70 Y HCC4512BD 9408/006/08 or 09 DIL-16 940800608 or 09 2.20 - HCC4514BK 9408/012/01 or 02 Flat-24 940801201 or 02 1.70 - HCC4514BD 9408/012/03 or 04 DIL-24 940801203 or 04 5.20 - HCC4515BK 9205/011/01 or 02 Flat-24 920501101 or 02 1.70 - HCC4515BD 9205/011/03 or 04 DIL-24 920501103 or 04 5.20 - HCC4516BK 9204/045/01 or 02 Flat-16 920404501 or 02 0.70 - HCC4516BD 9204/045/08 or 09 DIL-16 920404508 or 09 2.20 - HCC4520BK 9204/028/01 or 02 Flat-16 920402801 or 02 0.70 - HCC4520BD 9204/028/08 or 09 DIL-16 920402808 or 09 2.20 - HCC4532BK 9202/065/01 or 02 Flat-16 920206501 or 02 0.70 - HCC4532BD 9202/065/08 or 09 DIL-16 920206508 or 09 2.20 - HCC4538BK 9207/007/01 or 02 Flat-16 920700701 or 02 0.70 - Table 10. Ordering information (continued) Order code ESCC detailed specification Quality level Comment Package Lead finish Marking Mass (g) EPPL Packing |