Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST1802FX Fiches technique(PDF) 7 Page - STMicroelectronics

No de pièce ST1802FX
Description  HIGH VOLTAGE FAST - SWITCHING NPN POWER TRANSISTOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1802FX Fiches technique(HTML) 7 Page - STMicroelectronics

Back Button ST1802FX Datasheet HTML 2Page - STMicroelectronics ST1802FX Datasheet HTML 3Page - STMicroelectronics ST1802FX Datasheet HTML 4Page - STMicroelectronics ST1802FX Datasheet HTML 5Page - STMicroelectronics ST1802FX Datasheet HTML 6Page - STMicroelectronics ST1802FX Datasheet HTML 7Page - STMicroelectronics ST1802FX Datasheet HTML 8Page - STMicroelectronics ST1802FX Datasheet HTML 9Page - STMicroelectronics ST1802FX Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
ST1802FX
4 Package Mechanical Data
7/10
4
Package Mechanical Data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect . The category of
second level interconnect is marked on the package and on the inner box label, in compliance
with JEDEC Standard JESD97. The maximum ratings related to soldering conditions are also
marked on the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are
available at: www.st.com



Html Pages

1 2 3 4 5 6 7 8 9 10