Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5263BRUZ200-R7 Fiches technique(PDF) 14 Page - Analog Devices

No de pièce AD5263BRUZ200-R7
Description  Quad, 15 V, 256-Position, Digital Potentiometer with Pin-Selectable SPI/I2C
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5263BRUZ200-R7 Fiches technique(HTML) 14 Page - Analog Devices

Back Button AD5263BRUZ200-R7 Datasheet HTML 10Page - Analog Devices AD5263BRUZ200-R7 Datasheet HTML 11Page - Analog Devices AD5263BRUZ200-R7 Datasheet HTML 12Page - Analog Devices AD5263BRUZ200-R7 Datasheet HTML 13Page - Analog Devices AD5263BRUZ200-R7 Datasheet HTML 14Page - Analog Devices AD5263BRUZ200-R7 Datasheet HTML 15Page - Analog Devices AD5263BRUZ200-R7 Datasheet HTML 16Page - Analog Devices AD5263BRUZ200-R7 Datasheet HTML 17Page - Analog Devices AD5263BRUZ200-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
AD5263
Data Sheet
Rev. F | Page 14 of 28
VDD
VSS
A
W
B
DUT
GND
ICM
VCM
NC
NC
Figure 37. Test Circuit for Common-Mode Leakage Current
VLOGIC
ILOGIC
SCL
SCA
Figure 38. Test Circuit for VLOGIC Current vs. Digital Input Voltage
VIN
N/C
W1
B1
B2
W2
RDAC1
A1
RDAC2
VDD
VSS
VOUT
CTA = 20 log [VOUT/VIN]
A2
Figure 39. Test Circuit for Analog Crosstalk



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28