| Moteur de recherche de fiches techniques de composants électroniques |
|
Z8F6402AR020SC Fiches technique(PDF) 2 Page - Zilog, Inc. |
|
|
|||||||||||||||||||||||||||||
Z8F6402AR020SC Fiches technique(HTML) 2 Page - Zilog, Inc. |
|
2 / 6 page ![]() PB009511-0903 Z8 Encore!® Advanced 20MHz 64KB Flash Microcontroller 2 eZ8 Microprocessor Features • New instructions for improved performance including BIT, BSWAP, BTJ, CPC, LDC, LDCI, LEA, MULT, and SRL • New instructions support 12-bit linear address- ing of the Register File • Compatible with existing Z8® code • Up to 10 MIPS operation • C-Compiler friendly • 2-9 clock cycles per instruction Z8 Encore!® Development Kit The Z8 Encore!® Development Kit includes the following: Hardware • Z8 Encore!® evaluation board • RS-232 DB9 serial cable • 9VDC universal power supply • Z8 Encore!® target interface module Software • ZDS II - Z8 Encore!® IDE with ANSI C-Com- piler • Sample code Documentation • Quick Start Guide • Registration Card • Z8 Encore!® technical documentation (on CD- ROM): – Development Kit User Manual – ZDS II - IDE User Manual – eZ8 CPU User Manual – Product Specification – Product briefs – Application notes – Programmer’s Reference Sheet – Flyer – Selector guide |