| Moteur de recherche de fiches techniques de composants électroniques |
|
Z86C30 Fiches technique(PDF) 49 Page - Zilog, Inc. |
|
|
|||||||||||||||||||||||||||||
Z86C30 Fiches technique(HTML) 49 Page - Zilog, Inc. |
|
49 / 348 page ![]() Z8 CPU User Manual UM001602-0904 Address Space 31 value in FEh is ignored. FEh can be used as a general-purpose register in this case only. An overflow or underflow can occur when the stack address is incre- mented or decremented during normal stack operations. The programmer must prevent this occurrence or unpredictable operation will result. Figure 11. Stack Operations PCL Top of Stack Stack Contents PCH PCL PCH FLAGS After an Interrupt Cycle Stack Contents After a Call Instruction Top of Stack |