| Moteur de recherche de fiches techniques de composants électroniques |
|
PCF85063TP Fiches technique(PDF) 45 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF85063TP Fiches technique(HTML) 45 Page - NXP Semiconductors |
|
45 / 46 page ![]() PCF85063TP All information provided in this document is subject to legal disclaimers. © NXP B.V. 2013. All rights reserved. Product data sheet Rev. 2 — 15 April 2013 45 of 46 NXP Semiconductors PCF85063TP Tiny Real-Time Clock/calendar 25. Figures Fig 1. Block diagram of PCF85063TP . . . . . . . . . . . . . . .2 Fig 2. Pin configuration for HWSON8 (PCF85063TP) . . .3 Fig 3. Handling address registers . . . . . . . . . . . . . . . . . .4 Fig 4. STOP bit functional diagram . . . . . . . . . . . . . . . . .7 Fig 5. STOP bit release timing . . . . . . . . . . . . . . . . . . . . .8 Fig 6. Software reset command . . . . . . . . . . . . . . . . . . . .9 Fig 7. INT example for MI . . . . . . . . . . . . . . . . . . . . . . .10 Fig 8. Offset calibration calculation workflow . . . . . . . . .15 Fig 9. Result of offset calibration . . . . . . . . . . . . . . . . . .16 Fig 10. OS flag . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .17 Fig 11. Data flow for the time function . . . . . . . . . . . . . . .20 Fig 12. Access time for read/write operations . . . . . . . . .21 Fig 13. Bit transfer . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .22 Fig 14. Definition of START and STOP conditions. . . . . .22 Fig 15. System configuration . . . . . . . . . . . . . . . . . . . . . .23 Fig 16. Acknowledgement on the I2C-bus . . . . . . . . . . . .23 Fig 17. Master transmits to slave receiver (WRITE mode). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .24 Fig 18. Master reads after setting register address (WRITE register address; READ data) . . . . . . . .25 Fig 19. Device diode protection diagram of PCF85063TP . . . . . . . . . . . . . . . . . . . . . . . . . . . .26 Fig 20. Typical IDD with respect to fSCL . . . . . . . . . . . . . .28 Fig 21. Typical IDD as a function of temperature . . . . . . .29 Fig 22. Typical IDD with respect to VDD . . . . . . . . . . . . . .30 Fig 23. IDD with respect to quartz RS . . . . . . . . . . . . . . . .31 Fig 24. Oscillator frequency variation with respect to VDD. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .31 Fig 25. I2C-bus timing diagram; rise and fall times refer to 30 % and 70 % . . . . . . . . . . . . . . . . . . . . . . . .32 Fig 26. Application diagram for PCF85063TP . . . . . . . . .33 Fig 27. Package outline SOT1069-2 (HWSON8) of PCF85063TP . . . . . . . . . . . . . . . . . . . . . . . . . . . .34 Fig 28. Tape and reel details for PCF85063TP . . . . . . . .35 Fig 29. Temperature profiles for large and small components . . . . . . . . . . . . . . . . . . . . . . . . . . . . .38 Fig 30. Footprint information for reflow soldering of SOT1069-2 (HWSON8) of PCF85063TP . . . . . .39 |