Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MMSD301T1 Fiches technique(PDF) 5 Page - Motorola, Inc

No de pièce MMSD301T1
Description  SOD-123 Schottky Barrier Diodes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMSD301T1 Fiches technique(HTML) 5 Page - Motorola, Inc

  MMSD301T1 Datasheet HTML 1Page - Motorola, Inc MMSD301T1 Datasheet HTML 2Page - Motorola, Inc MMSD301T1 Datasheet HTML 3Page - Motorola, Inc MMSD301T1 Datasheet HTML 4Page - Motorola, Inc MMSD301T1 Datasheet HTML 5Page - Motorola, Inc MMSD301T1 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MMSD301T1 MMSD701T1
5
Motorola Small–Signal Transistors, FETs and Diodes Device Data
PACKAGE DIMENSIONS
CASE 425–04
ISSUE C
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
STYLE 1:
PIN 1. CATHODE
2. ANODE
B
D
K
A
C
E
J
1
2
H
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.055
0.071
1.40
1.80
B
0.100
0.112
2.55
2.85
C
0.037
0.053
0.95
1.35
D
0.020
0.028
0.50
0.70
E
0.004
–––
0.25
–––
H
0.000
0.004
0.00
0.10
J
–––
0.006
–––
0.15
K
0.140
0.152
3.55
3.85



Html Pages

1 2 3 4 5 6