Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADP5586ACBZ-03-R7 Fiches technique(PDF) 25 Page - Analog Devices

No de pièce ADP5586ACBZ-03-R7
Description  Keypad Decoder and I/O Port Expander
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADP5586ACBZ-03-R7 Fiches technique(HTML) 25 Page - Analog Devices

Back Button ADP5586ACBZ-03-R7 Datasheet HTML 21Page - Analog Devices ADP5586ACBZ-03-R7 Datasheet HTML 22Page - Analog Devices ADP5586ACBZ-03-R7 Datasheet HTML 23Page - Analog Devices ADP5586ACBZ-03-R7 Datasheet HTML 24Page - Analog Devices ADP5586ACBZ-03-R7 Datasheet HTML 25Page - Analog Devices ADP5586ACBZ-03-R7 Datasheet HTML 26Page - Analog Devices ADP5586ACBZ-03-R7 Datasheet HTML 27Page - Analog Devices ADP5586ACBZ-03-R7 Datasheet HTML 28Page - Analog Devices ADP5586ACBZ-03-R7 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 44 page
background image
Data Sheet
ADP5586
Rev. 0 | Page 25 of 44
GPI_STATUS_A, Register 0x15
Table 30. GPI_STATUS_A Bit Descriptions
Bits
Bit Name
Access
Description
[7:6]
Reserved
Reserved
Reserved.
5
GPI_6_STAT
Read only
0 = GPI 6 (R5 pin) is low.
1 = GPI 6 (R5 pin) is high.
4
GPI_5_STAT
Read only
0 = GPI 5 (R4 pin) is low.
1 = GPI 5 (R4 pin) is high.
3
GPI_4_STAT
Read only
0 = GPI 4 (R3 pin) is low.
1 = GPI 4 (R3 pin) is high.
2
GPI_3_STAT
Read only
0 = GPI 3 (R2 pin) is low.
1 = GPI 3 (R2 pin) is high.
1
GPI_2_STAT
Read only
0 = GPI 2 (R1 pin) is low.
1 = GPI 2 (R1 pin) is high.
0
GPI_1_STAT
Read only
0 = GPI 1 (R0 pin) is low.
1 = GPI 1 (R0 pin) is high.
GPI_STATUS_B, Register 0x16
Table 31. GPI_STATUS_B Bit Descriptions
Bits
Bit Name
Access
Description
[7:5]
Reserved
Reserved
Reserved.
4
GPI_11_STAT
Read only
0 = GPI 11 (C4 pin) is low.
1 = GPI 11 (C4 pin) is high.
3
GPI_10_STAT
Read only
0 = GPI 10 (C3 pin) is low.
1 = GPI 10 (C3 pin) is high.
2
GPI_9_STAT
Read only
0 = GPI 9 (C2 pin) is low.
1 = GPI 9 (C2 pin) is high.
1
GPI_8_STAT
Read only
0 = GPI 8 (C1 pin) is low.
1 = GPI 8 (C1 pin) is high.
0
GPI_7_STAT
Read only
0 = GPI 7 (C0 pin) is low.
1 = GPI 7 (C0 pin) is high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44