| Moteur de recherche de fiches techniques de composants électroniques |
|
ADL5906ACPZN-R7 Fiches technique(PDF) 1 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADL5906ACPZN-R7 Fiches technique(HTML) 1 Page - Analog Devices |
|
1 / 32 page ![]() 10 MHz to 10 GHz 67 dB TruPwr Detector Data Sheet ADL5906 Rev. 0 Document Feedback Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners. One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781.329.4700 ©2013 Analog Devices, Inc. All rights reserved. Technical Support www.analog.com FEATURES Accurate rms-to-dc conversion from 10 MHz to 10 GHz Single-ended ±1.0 dB dynamic range: 67 dB at 2.14 GHz No balun or external input matching required Response independent of waveform types, such as GSM-EDGE/CDMA/W-CDMA/TD-SCDMA/WiMAX/LTE Logarithmic slope: 55 mV/dB Temperature stability: <±1 dB from −40°C to +125°C Operating temperature: −55°C to +125°C Supply voltage: 4.75 V to 5.25 V Sleep current: 250 µA Pin compatible with ADL5902 and AD8363 APPLICATIONS Power amplifier linearization/control loops Transmitter signal strength indication (TSSI) RF instrumentation FUNCTIONAL BLOCK DIAGRAM TADJ/ PWDN NIC VREF VTGT CRMS VRMS VSET VTEMP NIC RFIN– RFIN+ NIC GND1 GND2 EPAD X2 BIAS AND POWER DOWN CONTROL 1 ITGT LINEAR-IN-dB VGA (NEGATIVE SLOPE) ISQR 26pF 2 VPOS1 V POS2 3 4 11 10 9 5 6 7 8 16 15 14 13 ADL5906 12 X2 VREF 2.3V TEMPERATURE SENSOR G = 5 Figure 1. GENERAL DESCRIPTION The ADL5906 is a true rms responding power detector that has a 67 dB measurement range when driven with a single-ended 50 Ω source. The easy to use input makes the ADL5906 frequency versatile by eliminating the need for a balun or any other form of external input tuning for operation up to 10 GHz. The ADL5906 provides a solution in a variety of high frequency systems requiring an accurate rms measurement of signal power. The ADL5906 can operate from 10 MHz to 10 GHz and can accept inputs from −65 dBm to +8 dBm with varying crest factors and bandwidths, such as GSM-EDGE, CDMA, W-CDMA, TD-SCDMA, WiMAX, and OFDM-based LTE carriers. In addition, its temperature stability over the broad temperature range of −55°C to +125°C makes it ideally suited for a wide array of communications, military, industrial, and instrumentation applications. Used as a power measurement device, VRMS is connected to VSET. The output is then proportional to the logarithm of the rms value of the input. In other words, the reading is presented directly in decibels and is scaled 1.1 V per decade, or 55 mV/dB; other slopes are easily arranged. In controller mode, the voltage applied to VSET determines the power level required at the input to null the deviation from the setpoint. The output buffer can provide high load currents. Requiring only a single supply of 5 V and a few capacitors, it is easy to use and capable of being driven single-ended or with a balun for differential input drive. The ADL5906 has a low 250 µA sleep current when powered down by a logic high applied to the PWDN pin. It powers up within approximately 1.4 µs to its nominal operating current of 68 mA at 25°C. The ADL5906 is supplied in a 4 mm × 4 mm, 16-lead LFCSP, and it is pin compatible with the ADL5902 and the AD8363 TruPwr™ rms detectors. This feature allows the designer to create one circuit layout for projects requiring different dynamic ranges. A fully populated RoHS-compliant evaluation board is available. |
Numéro de pièce similaire - ADL5906ACPZN-R7 |
|
Description similaire - ADL5906ACPZN-R7 |