Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADAU1977WBCPZ-R7 Fiches technique(PDF) 53 Page - Analog Devices

No de pièce ADAU1977WBCPZ-R7
Description  Quad ADC with Diagnostics
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADAU1977WBCPZ-R7 Fiches technique(HTML) 53 Page - Analog Devices

Back Button ADAU1977WBCPZ-R7 Datasheet HTML 49Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 50Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 51Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 52Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 53Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 54Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 55Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 56Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 57Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 64 page
background image
Data Sheet
ADAU1977
Rev. A | Page 53 of 64
DIAGNOSTICS REPORT REGISTER CHANNEL 1
Address: 0x11, Reset: 0x00, Name: DIAG_STATUS1
Table 42. Bit Descriptions for DIAG_STATUS1
Bits
Bit Name
Settings
Description
Reset
Access
7
RESERVED
Reserved.
0x0
RW
6
MIC_SHORT1
Mic Terminals Shorted.
0x0
R
0
Normal Operation
1
Mic Terminals Shorted
5
MICH_OPEN1
Mic Open Connection.
0x0
R
0
Normal Operation
1
Mic Open Connection
4
MICH_SB1
Mic High Shorted to Supply.
0x0
R
0
Normal Operation
1
Mic High Shorted to Supply
3
MICH_SG1
Mic High Shorted to Ground.
0x0
R
0
Normal Operation
1
Mic High Shorted to Ground
2
MICH_SMB1
Mic High Shorted to MICBIAS.
0x0
R
0
Normal Operation
1
Mic High Shorted to MICBIAS
1
MICL_SB1
Mic Low Shorted to Supply.
0x0
R
0
Normal Operation
1
Mic Low Shorted to Supply
0
MICL_SG1
Mic Low Shorted to Ground.
0x0
R
0
Normal Operation
1
Mic Low Shorted to Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64